Electronic Components Datasheet Search
  English  ▼

X  

CS51031GD8 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS51031GD8
Description  Fast PFET Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51031GD8 Datasheet(HTML) 1 Page - ON Semiconductor

  CS51031GD8 Datasheet HTML 1Page - ON Semiconductor CS51031GD8 Datasheet HTML 2Page - ON Semiconductor CS51031GD8 Datasheet HTML 3Page - ON Semiconductor CS51031GD8 Datasheet HTML 4Page - ON Semiconductor CS51031GD8 Datasheet HTML 5Page - ON Semiconductor CS51031GD8 Datasheet HTML 6Page - ON Semiconductor CS51031GD8 Datasheet HTML 7Page - ON Semiconductor CS51031GD8 Datasheet HTML 8Page - ON Semiconductor CS51031GD8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2002
December, 2001 – Rev. 9
1
Publication Order Number:
CS51031/D
CS51031
Fast PFET Buck Controller
The CS51031 is a switching controller for use in DC–DC
converters. It can be used in the buck topology with a minimum
number of external components. The CS51031 consists of a VCC
monitor for controlling the state of the device, 1.0 A power driver for
controlling the gate of a discrete P–channel transistor, fixed frequency
oscillator, short circuit protection timer, programmable soft start,
precision reference, fast output voltage monitoring comparator, and
output stage driver logic with latch.
The high frequency oscillator allows the use of small inductors and
output capacitors, minimizing PC board area and systems cost. The
programmable soft start reduces current surges at start up. The short
circuit protection timer significantly reduces the duty cycle to
approximately 1/30 of its cycle during short circuit conditions.
The CS51031 is available in an 8 Lead SO plastic package.
Features
• 1.0 A Totem Pole Output Driver
• High Speed Oscillator (700 kHz max)
• No Stability Compensation Required
• Lossless Short Circuit Protection
• V
CC Monitor
• 2.0% Precision Reference
• Programmable Soft Start
• Wide Ambient Temperature Range:
– Industrial Grade: –40
°C to 85°C
– Commercial Grade: 0
°C to 70°C
VGATE
PGND
COSC
GND
VC
CS
VCC
VFB
RVCC
100
Ω
CVCC
0.1
µF
CS
0.1
µF
COSC
470 pF
VGATE
RA
1.5 k
Ω
RB
2.5 k
Ω
CRR
0.1
µF
CO
100
µF × 2
VO
3.3 V @ 3 A
L
4.7
µH
MBRS360
D1
5.0 V–12 V
CIN
47
µF
MP1
IRF7416
Figure 1. Typical Application Diagram
95 Units/Rail
PIN CONNECTIONS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
SO–8
D SUFFIX
CASE 751
1
8
1
51031
ALYW
8
MARKING
DIAGRAM
VFB
GND
VCC
COSC
CS
PGND
VC
VGATE
1
Device
Package
Shipping
ORDERING INFORMATION*
CS51031YD8
SO–8
95 Units/Rail
CS51031YDR8
2500 Tape & Reel
CS51031GD8
CS51031GDR8
2500 Tape & Reel
SO–8
SO–8
SO–8
*Additional ordering information can be found on
page 9 of this data sheet.
http://onsemi.com


Similar Part No. - CS51031GD8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
95Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
100Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031GD8G ONSEMI-CS51031GD8G Datasheet
95Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031GD8G ONSEMI-CS51031GD8G Datasheet
100Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
More results

Similar Description - CS51031GD8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
logo
Cherry Semiconductor Co...
CS51031 CHERRY-CS51031 Datasheet
153Kb / 8P
Fast PFET Buck Controller Does Not Require Compensation
Rev. 2/13/98
CS51033 CHERRY-CS51033 Datasheet
159Kb / 8P
Fast PFET Buck Controller Does Not Require Compensation
Rev. 2/13/98
logo
ON Semiconductor
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
Fast PFET Buck Controller
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com