Electronic Components Datasheet Search
  English  ▼

X  

OV4686 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV4686
Description  automatic black level calibration (ABLC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV4686 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV4686 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV4686 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Surveillance
Home Automation
¬ Sports Cameras
Applications
¬
¬
¬
¬
¬
¬
automatic black level calibration (ABLC)
programmable controls for:
- frame rate
- mirror and flip
- cropping
- windowing
static defective pixel canceling
supports output formats:
- 10-bit RAW RGB-Ir (MIPI)
supports images sizes:
- 4MP
- 3MP
- EIS1080p
- 1080p
fast mode switching
standard serial SCCB interface
up to 4-lane MIPI serial output
interface
embedded 4K bits one-time
programmable (OTP) memory for
part identification, etc.
two on-chip phase lock loops (PLLs)
programmable I/O drive capability
built-in temperature sensor
supports staggered 3-exposure
HDR mode
¬
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV04686-H67A
(RGB-Ir, lead-free, 67-pin CSP)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 2688 x 1520
power supply:
- core: 1.1 ~ 1.3V
- analog: 2.6 ~ 3.0V
- I/O: 1.7 ~ 3.0V
power requirements:
- active: 163 mA (261 mW)
- standby: 1 mA
- XSHUTDOWN: <10 µA
temperature range:
- operating: -30°C to +85°C junction
temperature
- stable image: 0°C to +60°C junction
temperature
output formats: 10-bit RAW RGB-Ir
lens size: 1/3"
input clock frequency: 6 ~ 64 MHz
lens chief ray angle: 9°
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
max S/N ratio: 37.8 dB
dynamic range: 64.6 dB @ 1x gain
maximum image transfer rate:
- 2688x1520: 90 fps
- 1920x1080: 120 fps
maximum exposure: 4 TROW
minimum exposure: VTS-8 TROW
sensitivity: 1900 mV/lux-sec
scan mode: progressive
maximum exposure interval:
1548 x TROW
pixel size: 2 µm x 2 µm
image area: 5440 µm x 3072 µm
package dimensions:
6630 µm x 5830 µm
Product Specifications
Version 1.3, October, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. CameraChip and OmniBSI-2 are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV4686
OV4686
image sensor core
image
sensor
processor
image output
interface
column
sample/hold
PLL
PLLs
control register bank
SCCB interface
timing generator and system control logic
gain
control
MCP/N
MDP/N[3:0]
temperature
sensor
image
array
AMP
10-bit
ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com