Electronic Components Datasheet Search
  English  ▼

X  

OV4688 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV4688
Description  Digital Video Camcorders (DVC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV4688 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV4688 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV4688 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Native 16:9 HD 4-Megapixel CameraChip™ Sensor with
High Frame Rate and Excellent Low Light Sensitivity for
Next-Generation Video Applications
OV4688 4MPproductbrief
lead free
available in
a lead-free
package
The OV4688 is a high-performance 4-megapixel
CameraChip sensor in a native 16:9 high definition (HD)
format designed to deliver ultra-high quality fast frame
rate HD video for mobile devices. Built on a new
2-micron OmniBSI-2™ pixel, the OV4688 offers best-in-
class low-light performance with a 40 percent increase in
sensitivity compared to the 1.75-micron OmniBSI-2 pixel.
The OV4688 supports timing for two High Dynamic Range
(HDR) modes, frame-based sequential HDR and line-based
staggered HDR. A major advantage of staggered mode over
sequential mode is a significant reduction of motion
artifacts in the captured images. The sensor's enhanced
performance, along with its ability to record full resolution
4MP @ 90 frames per second (fps), allows it to capture
best-in-class video and high-speed photography with zero
shutter lag, and video HDR at 30 fps.
The 1/3-inch OV4688 can also capture 1080p HD at
120 fps with electronic image stabilization (EIS), or 720p
HD at 180 fps. The OV4688's high frame rates enable
additional key benefits, including full-resolution continuous
frame capture or burst photography and recording of high-
quality slow-motion video.
The OV4688 features a high-speed 4-lane MIPI serial
output interface to facilitate the required high data
transfer rate and fits into an 8.5 x 8.5 mm module with a
z-height of about 5 mm.
Find out more at www.ovt.com.


Similar Part No. - OV4688

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV4688 OMNIVISION-OV4688 Datasheet
2Mb / 2P
OV4688 4MP product brief
More results

Similar Description - OV4688

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7102 PHILIPS-SAA7102 Datasheet
289Kb / 76P
Digital video encoder
2001 Sep 25
SAA7126H PHILIPS-SAA7126H Datasheet
155Kb / 40P
Digital video encoder
1999 May 31
logo
Rohm
BA7781K ROHM-BA7781K Datasheet
121Kb / 7P
Stereo microphone amplifier for camcorders
logo
Samsung semiconductor
KS0123 SAMSUNG-KS0123 Datasheet
456Kb / 44P
DIGITAL VIDEO ENCODER
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
Digital Video Encoder
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
Digital Video Encoder
CXD1915R SONY-CXD1915R Datasheet
354Kb / 50P
Digital Video Encoder
logo
NXP Semiconductors
SAA7120H PHILIPS-SAA7120H Datasheet
156Kb / 36P
Digital video encoder
2002 Oct 11
logo
Sanyo Semicon Device
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
logo
NXP Semiconductors
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
Digital video encoder
2003 Dec 09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com