Electronic Components Datasheet Search
  English  ▼

X  

DP74 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DP74
Description  16 Pin DIP 4-Pole Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DP74 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DP74 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP74 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP74 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP74 Datasheet HTML 4Page - List of Unclassifed Manufacturers DP74 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP74 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
1.0 Hz to 100 kHz
Fixed Frequency
D74 & DP74 Series
16 Pin DIP
4-Pole Filters
Available Low-Pass Models: . . . . . . . . . . . . . . . .
D74L4B
4-pole Butterworth . . . . . . . . . . . . . . .2
DP74L4B 4-pole Butterworth (Low Power) . . . . .2
D74L4L
4-pole Bessel . . . . . . . . . . . . . . . . . . .2
DP74L4L 4-pole Bessel (Low Power) . . . . . . . .2
Available High-Pass Models:
D74H4B
4-pole Butterworth . . . . . . . . . . . . . . .2
General Specifications:
Pin-out/package data & ordering information . . . .3
Description
The D74 and DP74 Series of low-power, fixed-
frequency, linear active filters are high performance,
4-pole filters in a compact package. These
Butterworth and Bessel low-pass and Butterworth
high-pass filters (D74 only) combine linear active
filter design with the space savings of a 16-pin dual
in-line package (DIP). Each model comes factory
tuned to a user-specified corner frequency between
1 Hz and 100 kHz (DP74, 1 Hz to 5kHz). These fully
self-contained units require no external components
or adjustments and operate with dynamic input
voltage range from non-critical ±5V to ±18V power
supplies.
Applications
• Anti-alias filtering
• Vibration & shock analysis
• Automatic test equipment
• Aerospace, navigation and sonar
• Communication systems
• Medical electronics
• Sound and vibration testing
• Noise elimination
• Process control
Features/Benefits:
• Low cost solution for low frequency signal
conditioning
• Compact DIP design minimizes board space
requirements
• Plug-in ready-to-use, reducing engineering design
and manufacturing time
• Factory tuned, no external clocks or adjustments
needed saving time and labor of other discrete
assembly solutions
• Low harmonic distortion and wide signal-to-noise
ratio to 12 bit resolution


Similar Part No. - DP74

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
DP7400 SYNOLOGY-DP7400 Datasheet
808Kb / 6P
Cyber-resilient Data Protection Solution for Data Centers
logo
Copal Electronics
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
Quad Digital Potentiometers
DP7411 COPAL-DP7411 Datasheet
189Kb / 16P
Dual Digital Potentiometers
DP7419 COPAL-DP7419 Datasheet
180Kb / 16P
Dual Digital Potentiometers
More results

Similar Description - DP74

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
424L4B ETC1-424L4B Datasheet
419Kb / 12P
32-Pin DIP 4-Pole Filters
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
32-Pin DIP 8-Pole Filters
DP64 ETC1-DP64 Datasheet
590Kb / 11P
32-Pin DIP 4 - Pole Filters
DP66 ETC1-DP66 Datasheet
894Kb / 6P
32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
32-Pin DIP 4-Pole Filters
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
32-Pin DIP 8-, 6-, 4-Pole Filters
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
32-Pin DIP 4 - Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
32-Pin DIP 4 - Pole Filters
D72L2B FREQUENCYDEVICES-D72L2B Datasheet
695Kb / 6P
16 Pin DIP 2-Pole Filters
D74L4B FREQUENCYDEVICES-D74L4B Datasheet
773Kb / 6P
16 Pin DIP 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com