Electronic Components Datasheet Search
  English  ▼

X  

DS3601 Datasheet(PDF) 2 Page - TT Electronics.

Part # DS3601
Description  100mm Scale Glass Tube & Float for Gas & Water
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DS3601 Datasheet(HTML) 2 Page - TT Electronics.

  DS3601 Datasheet HTML 1Page - TT Electronics. DS3601 Datasheet HTML 2Page - TT Electronics. DS3601 Datasheet HTML 3Page - TT Electronics. DS3601 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
100mm Scale Glass Tube &
Float for Gas & Water
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
07/2018 Page 2
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
ARGON
SKU
Air Flow Range
FGTF1AHD-J
60 - 560 cm³/min
FGTF1AHS-J
0.1 - 1 L/min
FGTF1CHD-J
5 - 80 cm³/min
FGTF2AHD-J
1 - 10 L/min
FGTF2AHS-J
2 - 22 L/min
FGTF2BHD-J
0.6 - 4.0 L/min
FGTF2CHD-J
0.2 - 1.7 L/min
FGTF3AHD-J
4-40 L/min
FGTF3AHS-J
10 - 85 L/min
FGTF3ASS-J
30 - 130 L/min
BUTANE
SKU
Air Flow Range
FGTF1AHD-M
100 - 700 cm³/min
FGTF1AHS-M
0.1 - 1.1 L/min
FGTF1BHD-M
50 - 290 cm³/min
FGTF1CHD-M
20 - 120 cm³/min
FGTF2AHD-M
1 - 10 L/min
FGTF2AHS-M
2 - 18 L/min
FGTF2BHD-M
0.8 - 4.0 L/min
FGTF2CHD-M
0.4 - 2.0 L/min
FGTF3AHD-M
4-36 L/min
FGTF3AHS-M
10 - 75 L/min
CARBON DIOXIDE
SKU
Air Flow Range
FGTF1AHD-R
50 - 700 cm³/min
FGTF1AHS-R
0.1 - 1 L/min
FGTF1CHD-R
10 - 100 cm³/min
FGTF2AHD-R
1 - 10 L/min
FGTF2AHS-R
2 - 20 L/min
FGTF2BHD-R
0.8 - 4.4 L/min
FGTF2CHD-R
0.2 - 1.8 L/min
FGTF3AHD-R
10 - 80 L/min
FGTF3AHD-R
4-40 L/min
FGTF3ASS-R
30 - 120 L/min
CARBON MONOXIDE
SKU
Air Flow Range
FGTF1AHD-G
50 - 700 cm³/min
FGTF1AHS-G
0.1 - 1.2 L/min
FGTF1CHD-G
10 - 100 cm³/min
FGTF2AHD-G
1 - 12 L/min
FGTF2AHS-G
2 - 26 L/min
FGTF2BHD-G
0.6 - 5.0 L/min
FGTF2CHD-G
0.2 - 2.0 L/min
FGTF3AHD-G
4 - 50 L/min
FGTF3AHS-G
10 - 100 L/min



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com