Electronic Components Datasheet Search
  English  ▼

X  

HT1104DC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HT1104DC
Description  HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HT1104DC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  HT1104DC Datasheet HTML 1Page - List of Unclassifed Manufacturers HT1104DC Datasheet HTML 2Page - List of Unclassifed Manufacturers HT1104DC Datasheet HTML 3Page - List of Unclassifed Manufacturers HT1104DC Datasheet HTML 4Page - List of Unclassifed Manufacturers HT1104DC Datasheet HTML 5Page - List of Unclassifed Manufacturers HT1104DC Datasheet HTML 6Page - List of Unclassifed Manufacturers HT1104DC Datasheet HTML 7Page - List of Unclassifed Manufacturers HT1104DC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
10 -2
10 -3
10 -4
10 -5
-3
-2
-1
0
1
2
3
10 4
10 3
10 2
10 1
40
60
80
100
120
10 4
10 3
10 2
10 1
50
60
70
80
90
100
110
HT1104
Sinking
Sourcing
Frequency (Hz)
TA=25
°C
TA=225
°C
TA=25
°C
TA=225
°C
Frequency (Hz)
Load Current (A)
MAXIMUM OUTPUT SWING
vs. LOAD CURRENT
MAXIMUM OUTPUT SWING
vs. LOAD CURRENT
POSITIVE POWER SUPPLY
REJECTION vs. FREQUENCY
NEGATIVE POWER SUPPLY
REJECTION vs. FREQUENCY
VSUP=
±2.5V
Load Current (A)
TA=25
°C TA=225°C
10 -1
10 -2
10 -3
10 -4
10 -5
-6
-4
-2
0
2
4
6
Sinking
Sourcing
VSUP=
±5.0V
TA=225
°C
TA=25
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com