Electronic Components Datasheet Search
  English  ▼

X  

ADS5444IPFP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5444IPFP
Description  13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5444IPFP Datasheet(HTML) 1 Page - Texas Instruments

  ADS5444IPFP Datasheet HTML 1Page - Texas Instruments ADS5444IPFP Datasheet HTML 2Page - Texas Instruments ADS5444IPFP Datasheet HTML 3Page - Texas Instruments ADS5444IPFP Datasheet HTML 4Page - Texas Instruments ADS5444IPFP Datasheet HTML 5Page - Texas Instruments ADS5444IPFP Datasheet HTML 6Page - Texas Instruments ADS5444IPFP Datasheet HTML 7Page - Texas Instruments ADS5444IPFP Datasheet HTML 8Page - Texas Instruments ADS5444IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
APPLICATIONS
RELATED PRODUCTS
DESCRIPTION
Reference
Timing
CLK
OVR
D[12:0]
CLK
5
DRY
VREF
AIN
AIN
TH1
5
5
Σ
DAC2
ADC2
ADC3
Σ
DAC1
ADC1
AVDD
DVDD
GND
Digital Error Correction
+
−
+
−
B0061-01
DRY
OVR
A1
TH2
A2
A3
TH3
ADS5444
SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
•
Test and Measurement
•
13-Bit Resolution
•
Software-Defined Radio
•
250 MSPS Sample Rate
•
Multi-channel Basestation Receivers
•
SNR = 69 dBc at 100-MHz IF and 250 MSPS
•
Basestation Tx Digital Predistortion
•
SFDR = 76 dBc at 100-MHz IF and 250 MSPS
•
Communications Instrumentation
•
SNR = 67.7 dBc at 230-MHz IF and 250 MSPS
•
SFDR = 77 dBc at 230-MHz IF and 250 MSPS
•
2.2 VPP Differential Input Voltage
•
ADS5424 - 14-bit, 105 MSPS ADC
•
Fully Buffered Analog Inputs
•
ADS5423 - 14-bit, 80 MSPS ADC
•
5 V Analog Supply Voltage
•
ADS5440 - 13-bit, 210 MSPS ADC
•
LVDS Compatible Outputs
•
Total Power Dissipation: 2 W
•
Offset Binary Output Format
•
TQFP-80 PowerPAD™ Package
•
Pin Compatible with the ADS5440
•
Industrial Temperature Range = –40°C to 85°C
The ADS5444 is a 13-bit 250 MSPS analog-to-digital converter (ADC) that operates from a 5 V supply, while
providing LVDS-compatible digital outputs from a 3.3 V supply. The ADS5444 input buffer isolates the internal
switching of the onboard track and hold (T&H) from disturbing the signal source. An internal reference generator
is also provided to further simplify the system design. The ADS5444 has outstanding low noise and linearity over
input frequency.
The ADS5444 is available in an 80-pin TQFP PowerPAD™ package. The ADS5444 is built on a state of the art
Texas Instruments complementary bipolar process (BiCom3X) and is specified over the full industrial
temperature range (–40°C to 85°C).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5444IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5444IPFP TI2-ADS5444IPFP Datasheet
981Kb / 31P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
REVISED FEBRUARY 2006
ADS5444IPFP.B TI2-ADS5444IPFP.B Datasheet
981Kb / 31P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
REVISED FEBRUARY 2006
ADS5444IPFPG4.B TI2-ADS5444IPFPG4.B Datasheet
981Kb / 31P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
REVISED FEBRUARY 2006
ADS5444IPFPR TI1-ADS5444IPFPR Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444IPFPR TI2-ADS5444IPFPR Datasheet
981Kb / 31P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
REVISED FEBRUARY 2006
More results

Similar Description - ADS5444IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-SP TI1-ADS5444-SP Datasheet
679Kb / 23P
CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-SP TI1-ADS5444-SP_15 Datasheet
538Kb / 22P
CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com