Electronic Components Datasheet Search
  English  ▼

X  

OV9284 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV9284
Description  automatic black level calibration (ABLC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9284 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV9284 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9284 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cost-Effective 1MP, High-Speed Global Shutter Image Sensor
for Driver and Passenger Monitoring in Mainstream Vehicles
OV92841-megapixelproductbrief
lead free
available in
a lead-free
package
OmniVision's OV9284 is a 1-megapixel global shutter
image sensor that is ideal for in-cabin camera modules
in passenger vehicles, where driver state monitoring
(DSM) and passenger-monitoring cameras need to be
extremely small and unobtrusive, while complying with
new, stringent safety regulations. Semiautonomous
vehicles use DSM to track the driver's eye gaze and
allow the vehicle to take control when the driver
becomes drowsy or distracted. The OV9284 is the
industry's first image sensor with the right balance of
cost effectiveness, high-quality imaging and advanced
features to meet the needs for incorporating DSM in the
mainstream automotive market.
The OV9284 also offers the industry's best near-
infrared (NIR) quantum efficiency (QE) in a driver-
monitoring image sensor, with 12% at 940 nm, which
allows designers to achieve sufficient illumination with
fewer LEDs, thus reducing total system cost and power
consumption. This sensor consumes only 90 mW of
power at 60 frames per second (fps), which is 30% lower
than the nearest competitor. Additionally, the high-
speed global shutter sensor with OmniPixel®3-GS
technology offers 1280 x 800 resolution at video
speeds of up to 120 fps.
This sensor comes in a compact automotive chip-scale
package (a-CSP™), which measures 5237 µm x 4463 µm
for smaller lens designs. Its 27-degree chief ray angle
enables a wider viewing angle in a thinner package,
allowing for greater flexibility with camera design and
placement.
Find out more at www.ovt.com.


Similar Part No. - OV9284

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9281 OMNIVISION-OV9281 Datasheet
683Kb / 2P
automatic black level calibration (ABLC)
OV9282 OMNIVISION-OV9282 Datasheet
683Kb / 2P
automatic black level calibration (ABLC)
OV9285 OMNIVISION-OV9285 Datasheet
923Kb / 2P
Consumer HMD
More results

Similar Description - OV9284

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5285K PANASONIC-AN5285K Datasheet
57Kb / 5P
Sound level automatic gain control IC
logo
Wolfson Microelectronic...
WM8224 WOLFSON-WM8224 Datasheet
893Kb / 50P
60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
logo
OmniVision Technologies...
OV9281 OMNIVISION-OV9281 Datasheet
683Kb / 2P
automatic black level calibration (ABLC)
OV9282 OMNIVISION-OV9282 Datasheet
683Kb / 2P
automatic black level calibration (ABLC)
OV9760 OMNIVISION-OV9760 Datasheet
610Kb / 2P
automatic black level calibration (ABLC)
logo
TT Electronics.
OCB100 TTELEC-OCB100 Datasheet
446Kb / 4P
Automatic Calibration Circuitry
logo
OmniVision Technologies...
OV4686 OMNIVISION-OV4686 Datasheet
827Kb / 2P
automatic black level calibration (ABLC)
OV4685 OMNIVISION-OV4685 Datasheet
5Mb / 2P
automatic black level calibration (ABLC)
OV9782 OMNIVISION-OV9782 Datasheet
678Kb / 2P
automatic black level calibration (ABLC)
logo
Good Will Instrument Co...
GAD-201G GWINSTEK-GAD-201G Datasheet
561Kb / 1P
Automatic level & distortion measurements
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com