Electronic Components Datasheet Search
  English  ▼

X  

OV9782 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV9782
Description  automatic black level calibration (ABLC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9782 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV9782 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9782 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Consumer HMD
Drones
¬
¬
Machine Vision
PCNB
Applications
¬
¬
¬
¬
¬
¬
¬
¬
3 µm x 3 µm pixel with
OmniPixel®3-GS technology
automatic black level calibration (ABLC)
programmable controls for:
- frame rate
- mirror and flip
- cropping
- windowing
support output formats: 8/10-bit RAW
fast mode switching
supports 2x2 monochrome binning
two-lane MIPI serial output interface
DVP parallel output interface
supports horizontal and vertical 2:1
and 4:1 monochrome subsampling
support for image sizes:
- 1280 x 800
- 1280 x 720
- 640 x 480
- 640 x 400
embedded 256 bits of one-time
programmable (OTP) memory for
part identification
two on-chip phase lock loops (PLLs)
LED PWM
built-in strobe control
¬
¬
¬
¬
¬
¬
Product Features
¬
OV09782-GA4A
(color, chip probing, 200 µm backgrinding, reconstructed wafer with good die)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 1296 x 816
power supply:
- analog: 2.8V (nominal)
- core: 1.2V (nominal)
- I/O: 1.8V (nominal)
power requirements:
- active: 156 mW
- standby: 150 µA
- XSHUTDOWN: 150 µA
temperature range:
- operating: -30°C to +85°C junction
temperature
- stable image: 0°C to +50°C junction
temperature
output interfaces:
2-lane MIPI serial output and
DVP parallel output
output formats: 8/10-bit RAW
lens size: 1/4"
lens chief ray angle: 26.78° non-linear
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
input clock frequency: 6 ~ 27 MHz
max S/N ratio: 38 dB
dynamic range: 68 dB
maximum image transfer rate:
- 1280 x 800: 120 fps
scan mode: progressive
minimum exposure time: 1 row period
maximum exposure time:
frame length - 25 row periods,
where frame length is set by
registers {0x380E, 0x380F}
pixel size: 3 µm x 3 µm
image area: 3896 µm x 2453 µm
package dimensions:
- COB: 5202 µm x 4428 µm
- RW: 5252 µm x 4478 µm
Product Specifications
Version 1.0, November 2018
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. All other trademarks are the property of their
respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV9782
Functional Block Diagram
OV9782
image sensor array
output
interface
column
sample/hold
PLL
PLLs
control register bank
SCCB slave interface
timing generator
gain control
MCP/N
MDP/N
D[9:0]
VSYNC
HREF
PCLK
image
array
AMP
10-bit
ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com