Electronic Components Datasheet Search
  English  ▼

X  

OPS666 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPS666
Description  LED and Photosensor Pairs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPS666 Datasheet(HTML) 1 Page - TT Electronics.

  OPS666 Datasheet HTML 1Page - TT Electronics. OPS666 Datasheet HTML 2Page - TT Electronics. OPS666 Datasheet HTML 3Page - TT Electronics. OPS666 Datasheet HTML 4Page - TT Electronics. OPS666 Datasheet HTML 5Page - TT Electronics. OPS666 Datasheet HTML 6Page - TT Electronics. OPS666 Datasheet HTML 7Page - TT Electronics. OPS666 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
OPS665, OPS666, OPS667, OPS691, OPS692,
OPS693, OPS698
© TT electronics plc
Issue A
08/2016
Page 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
sensors@ttelectronics.com | www.ttelectronics.com
Description:
Each LED/Photosensor pair in the series consists of a gallium arsenide infrared emitting diode and a NPN silicon
phototransistor, mounted in a T-1 package (OPS665, OPS666, OPS667) or in a matched lateral side-looking plastic package
(OPS691, OPS692, OPS693 and OPS698).
Matched pairs are desirable where the application is unique and the quantity required does not justify assembly tooling
costs. If separation between the LED and sensor is greater than two times the specified IC(ON) distance, proper alignment
becomes critical. Although sold as pairs, emitters and sensors are packaged separately for handling ease.
Please note that the sensor is sensitive to ambient light.
Applications:
 Non-contact reflective object sensor
 Assembly line automation
 Machine automation
 Machine safety
 End of travel sensor
 Door sensor
Features:
 High current transfer ratio
 Low-cost plastic package
 Lateral side-looking clear plastic package (OPS691, OPS692, OPS693 and
OPS698)
OPS665 - 667
OPS691 - 693
OPS698
Ordering Information
Part
Number
Output
Package
Style
Description
Lead
Length
OPS665
Transistor
T-1
Gallium arsenide infrared emitting diode (OP165)
NPN silicon phototransistor (OP505)
0.50” (`1.700 mm)
OPS666
Transistor
T-1
Gallium arsenide infrared emitting diode (OP165)
NPN silicon phototransistor (OP505)
0.50” (`1.700 mm)
OPS667
Transistor
T-1
Gallium arsenide infrared emitting diode (OP165)
NPN silicon phototransistor (OP505)
0.50” (`1.700 mm)
OPS691
Transistor
Lateral
Side-looking
Gallium arsenide infrared emitting diode (OP140)
NPN silicon phototransistor (OP550)
0.50” (`1.700 mm)
OPS692
Transistor
Lateral
Side-looking
Gallium arsenide infrared emitting diode (OP140)
NPN silicon phototransistor (OP550)
0.50” (`1.700 mm)
OPS693
Transistor
Lateral
Side-looking
Gallium arsenide infrared emitting diode (OP140)
NPN silicon phototransistor (OP550)
0.50” (`1.700 mm)
OPS698
Transistor
Lateral
Side-looking
Gallium arsenide infrared emitting diode (OP145)
NPN silicon phototransistor (OP555)
0.50” (`1.700 mm)
RoHS


Similar Part No. - OPS666

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPS666 OPTEK-OPS666 Datasheet
350Kb / 2P
LED and Photosensor Pair
logo
TT Electronics.
OPS666 TTELEC-OPS666 Datasheet
905Kb / 8P
LED and Photosensor Pairs
02/2020
More results

Similar Description - OPS666

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
Reflective Photosensor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
Reflective Photosensor
logo
Hamamatsu Corporation
C2719 HAMAMATSU-C2719 Datasheet
477Kb / 6P
Photosensor amplifier
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
Photosensor amplifier
logo
Panasonic Semiconductor
CNB2003 PANASONIC-CNB2003 Datasheet
97Kb / 3P
Reflective photosensor
logo
OPTEK Technologies
OPS665 OPTEK-OPS665 Datasheet
350Kb / 2P
LED and Photosensor Pair
OPS690 OPTEK-OPS690 Datasheet
357Kb / 2P
LED and Photosensor Pair
OPS695 OPTEK-OPS695 Datasheet
216Kb / 2P
LED AND PHOTOSENSOR PAIR
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
 Encoder and Decoder Pairs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com