Electronic Components Datasheet Search
  English  ▼

X  

OVLKBGT6 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVLKBGT6
Description  Oval Blue LED Lamp (3mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLKBGT6 Datasheet(HTML) 1 Page - TT Electronics.

  OVLKBGT6 Datasheet HTML 1Page - TT Electronics. OVLKBGT6 Datasheet HTML 2Page - TT Electronics. OVLKBGT6 Datasheet HTML 3Page - TT Electronics. OVLKBGT6 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Issue 1.0
0505
Page 1
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OVLKBGT6
x
High luminous intensity
x
Defined spatial radiation
x
Multiple viewing angles
x
UV-resistant epoxy
x
Precision optical performance
The OVLKBGT6 is designed for superior performance in outdoor environments. Its radiation pattern matches
green (OVLKGGT6) and red-orange (OVLKQGT6) devices in identical packages to create LED pixels for full-color
video screens.
Applications
x
Variable Message Signs
x
Indoor/Outdoor Advertising Signage
x
Traffic and Highway Signs
x
Full-Color Video Signs
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ. mcd
OVLKBGT6
InGaN
Blue
300
Lens Color
Blue Diffused
Data is subject to change without prior notice.
Oval Blue LED Lamp (3mm)
1 ANODE
2 CATHODE
RoHS


Similar Part No. - OVLKBGT6

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLKBGT6 OPTEK-OVLKBGT6 Datasheet
769Kb / 4P
Oval Blue LED Lamp (3mm)
5/26
More results

Similar Description - OVLKBGT6

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MBB32TA MICRO-ELECTRONICS-MBB32TA Datasheet
56Kb / 1P
3mm BLUE LED LAMP
MBB32W MICRO-ELECTRONICS-MBB32W Datasheet
56Kb / 1P
3mm BLUE LED LAMP
logo
OPTEK Technologies
OVLKBGT6 OPTEK-OVLKBGT6 Datasheet
769Kb / 4P
Oval Blue LED Lamp (3mm)
5/26
OVLKGGT6 OPTEK-OVLKGGT6 Datasheet
770Kb / 4P
Oval Green LED Lamp (3mm)
5/26
OVLKQGT6 OPTEK-OVLKQGT6 Datasheet
764Kb / 4P
Oval Red-Orange LED Lamp (3mm)
5/26
logo
Seoul Semiconductor
LB770D SEOUL-LB770D Datasheet
390Kb / 14P
BLUE OVAL LAMP LED
LB700D SEOUL-LB700D Datasheet
392Kb / 14P
BLUE OVAL LAMP LED
LB700D SEOUL-LB700D_1 Datasheet
410Kb / 12P
BLUE OVAL LAMP LED
LB770D SEOUL-LB770D_1 Datasheet
397Kb / 12P
BLUE OVAL LAMP LED
logo
LightKey Optoelectronic...
LLO346UBD-B90 LIGHTKEY-LLO346UBD-B90 Datasheet
81Kb / 2P
3mm Oval Blue LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com