Electronic Components Datasheet Search
  English  ▼

X  

MBRF1040CT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBRF1040CT
Description  Dual Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBRF1040CT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBRF1040CT Datasheet HTML 1Page - List of Unclassifed Manufacturers MBRF1040CT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRF1035CT thru MBRF1060CT
Crownpo Technology
www.crownpo.com
01-Mar-04
Document No. 11048
Dual Schottky Rectifiers
Reverse Voltage 35 to 60V
Forward Current 10A
Maximum Ratings and Thermal Characteristics (TC = 25-C unless otherwise noted)
Parameter
Symbol
MBRF
1035CT
Unit
Maximum repetitive peak reverse voltage
VRRM
35
40
45
50
60
35
40
45
50
60
35
40
45
50
60
V
Working peak reverse voltage
VRWM
V
Maximum DC blocking voltage
VDC
V
Maximum average forward rectified current
Total device
10
at TC = 105
-C
Per leg
IF(AV)
5
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
150
A
superimposed on rated load (JEDEC Method) per leg
Peak repetitive reverse current per leg at tp = 2
es, 1KHZ
IRRM
1.0
A
Voltage rate of change (rated VR)
dv/dt
10,000
V/
es
Typical thermal resistance per leg
RθJC
5.0
-C/W
Operating junction and storage temperature range
TJ, TSTG
s65 to +150
-C
RMS Isolation voltage (MBRF type only) from terminals
4500 (1)
to heatsink with t = 1 second, RH
m 30%
VISOL
3500 (2)
V
1500 (3)
Electrical Characteristics (TC = 25-C unless otherwise noted)
Maximum instantaneous
VF
0.55
V
forward voltage per leg(4)
at IF = 5.0A, TC = 125
-C
0.70
Maximum reverse current per leg
TJ = 25
-C
0.1
at working peak reverse voltage(4)
TJ = 100
-C
IR
6.0
mA
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110
" offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
m 4.9 mm (0.19")
(4) Pulse test: 300
es pulse width, 1% duty cycle
MBRF
1040CT
MBRF
1045CT
MBRF
1060CT
MBRF
1050CT
at IF = 5.0A, TC = 25
-C
0.5
Features
N Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
N Dual rectifier construction, positive center tap
N Metal silicon junction, majority carrier conduction
N Low power loss, high efficiency
N Guardring for overvoltage protection
N For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Mechanical Data
Case: JEDEC ITO-220AB molded plastic body
Terminals: Plated leads, solderable per
MIL-STD-750, Method 2026
High temperature soldering guaranteed:
250
-C/10 seconds, 0.25" (6.35mm) from case
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 oz., 2.24 g
Dimensions in
inches and (millimeters)
1
3
PIN
2
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
DIA.
DIA.
0.676 (17.2)
0.646 (16.4)
0.205 (5.20)
0.195 (4.95)
0.105 (2.67)
0.095 (2.41)
PIN 2
PIN 1
PIN 3
ITO-220AB


Similar Part No. - MBRF1040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRF1040CT MCC-MBRF1040CT Datasheet
390Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diotech Company.
MBRF1040CT DIOTECH-MBRF1040CT Datasheet
896Kb / 2P
SCHOTTKY BARRIER RECTIFIER
MBRF1040CT DIOTECH-MBRF1040CT Datasheet
971Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
logo
Tiger Electronic Co.,Lt...
MBRF1040CT TGS-MBRF1040CT Datasheet
396Kb / 2P
TO-220F Plastic-Encapsulate Diodes
More results

Similar Description - MBRF1040CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SR1620CT BILIN-SR1620CT Datasheet
93Kb / 2P
DUAL SCHOTTKY RECTIFIERS
SR2020CT BILIN-SR2020CT Datasheet
90Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRF2070CT BILIN-MBRF2070CT Datasheet
157Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRB1635CT BILIN-MBRB1635CT Datasheet
136Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
Dual Schottky Rectifiers
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBR1680PT DSK-MBR1680PT Datasheet
234Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
DUAL SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com