Electronic Components Datasheet Search
  English  ▼

X  

PI3V314 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3V314
Description  Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V314 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3V314 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V314 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V314 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V314 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V314 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V314 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V314 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V314 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3V314 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PS8756A
11/02/04
PI3V314
Low On-Resistance, 3.3V High-Bandwidth
3-Port, 4:1 Mux/DeMux VideoSwitch
Notes:
1. CL = Load capacitance: includes jig and probe capacitance.
2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
4. All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
5. The outputs are measured one at a time with one transition per measurement.
Test Circuit for Dynamic Electrical Characteristics
VCC
D.U.T
T1
R1
S1
HP11667A
CL
HP4396
Switch Positions
Test
Switch
tPLZ, tPZL
6.0V
tPHZ, tPZH
GND
Prop Delay
Open
Test Circuit for Electrical Characteristics(1)
RT
10pF
CL
VCC
VIN
VOUT
200-ohm
200-ohm
6.0V
Pulse
Generator
D.U.T



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com