Electronic Components Datasheet Search
  English  ▼

X  

PI3V314B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3V314B
Description  Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V314B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3V314B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V314B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8756A
11/02/04
Pin Configuration
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• High signal passing bandwidth (375MHz)
• Beyond Rail-to-Rail switching
• 5V I/O tolerant with 3.3V supply
• 2.5V and 3.3V supply voltage operation
• Hot insertion capable
• Low Crosstalk (XTALK = -60dB Typ.)
• Low Off-Isolation (OIRR = -60db Typ.)
• Industrial operating temperature: -40ºC to +85ºC
• 2KV ESD Protection (human body model)
• Latch-up performance >250mA per JESD17
• Packaging (Pb-free & greeen available):
– 40-Pin 150-mil wide plastic BQSOP(B)
Low On-Resistance, 3.3V High-Bandwidth
3-Port, 4:1 Mux/DeMux VideoSwitch
Description
The PI3V314 is a true bi-directional 3-Port 4:1 multiplexer/
demultiplexerwithHi-ZoutputsthatisrecommendedforbothRGB
and composite video switching applications. With the increased 4:
1 channels, multiple components, such as VCR, DVD, PC1, PC2
and etc. can be put on the video networks. The VideoSwitch can
be driven from a current output RAMDAC or voltage output com-
posite video source.
Low On-Resistance, Low Crosstalk, Low OFF Isolation and wide
bandwidth features make it ideal for video and other applications.
Industry leading advantages include a near zero propagation delay,
resulting from its low channel resistance and I/O capacitance. The
switchisbi-directionalandofferslittleornoattenuationofthehigh-
speed signals at the outputs. The device also has exceptional high
current capability which is far greater than most analog switches
offered today. The PI3V314 offers a high-performance (375 MHz),
low-cost solution to switch between video sources.
Applications
• Projection TV and LCD TV
• Video consumer applications
• Analog video signal processing
PI3V314
Notes:
1. N.C = No internal connection
Pin Description
Pin Name
Description
IAN, IBN
Data Inputs
S0-3
Select Inputs
EN0 to EN1
Enable
YA to YC
Data Outputs
GND
Ground
VCC
Power
NC
VCC
NC
S0
IB3
IB2
IB1
IB0
YB
NC
NC
VCC
NC
S2
NC
NC
NC
NC
NC
NC
NC
EN0
S1
IA3
IA2
IA1
IA0
YA
GND
NC
NC
EN1
S3
IC3
IC2
IC1
IC0
YC
GND
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21


Similar Part No. - PI3V314B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312L PERICOM-PI3V312L Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312LE PERICOM-PI3V312LE Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312Q PERICOM-PI3V312Q Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312QE PERICOM-PI3V312QE Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
More results

Similar Description - PI3V314B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI3V514 PERICOM-PI3V514 Datasheet
309Kb / 9P
LOW ON RESISTANCE 3.3V HIGH BANDWIDTH 5-PORT 4:1 MUX/DEMUX VIDEOSWITCH
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI5V512 PERICOM-PI5V512 Datasheet
234Kb / 8P
Low On-Resistance, 5V Wide-Bandwidth 5-port, 2:1 Mux/DeMux VideoSwitch
PI3V341 PERICOM-PI3V341 Datasheet
629Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A Datasheet
559Kb / 6P
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Pericom Semiconductor C...
PI3V512QEX PERICOM-PI3V512QEX Datasheet
578Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com