Electronic Components Datasheet Search
  English  ▼

X  

MM74HC00 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM74HC00
Description  Quad 2-Input NAND Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC00 Datasheet(HTML) 2 Page - ON Semiconductor

  MM74HC00 Datasheet HTML 1Page - ON Semiconductor MM74HC00 Datasheet HTML 2Page - ON Semiconductor MM74HC00 Datasheet HTML 3Page - ON Semiconductor MM74HC00 Datasheet HTML 4Page - ON Semiconductor MM74HC00 Datasheet HTML 5Page - ON Semiconductor MM74HC00 Datasheet HTML 6Page - ON Semiconductor MM74HC00 Datasheet HTML 7Page - ON Semiconductor MM74HC00 Datasheet HTML 8Page - ON Semiconductor MM74HC00 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HC00 Rev. 1.3.0
February 2008
MM74HC00
Quad 2-Input NAND Gate
Features
■ Typical propagation delay: 8ns
■ Wide power supply range: 2V–6V
■ Low quiescent current: 20µA maximum (74HC Series)
■ Low input current: 1µA maximum
■ Fanout of 10 LS-TTL loads
General Description
The MM74HC00 NAND gates utilize advanced silicon-
gate CMOS technology to achieve operating speeds
similar to LS-TTL gates with the low power consumption
of standard CMOS integrated circuits. All gates have
buffered outputs. All devices have high noise immunity
and the ability to drive 10 LS-TTL loads. The 74HC logic
family is functionally as well as pin-out compatible with
the standard 74LS logic family. All inputs are protected
from damage due to static discharge by internal diode
clamps to VCC and ground.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Logic Diagram
Order Number
Package
Number
Package Description
MM74HC00M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC00SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC00MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC00N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com