Electronic Components Datasheet Search
  English  ▼

X  

PTH04000WAZ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04000WAZ
Description  3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04000WAZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH04000WAZ Datasheet HTML 9Page - Texas Instruments PTH04000WAZ Datasheet HTML 10Page - Texas Instruments PTH04000WAZ Datasheet HTML 11Page - Texas Instruments PTH04000WAZ Datasheet HTML 12Page - Texas Instruments PTH04000WAZ Datasheet HTML 13Page - Texas Instruments PTH04000WAZ Datasheet HTML 14Page - Texas Instruments PTH04000WAZ Datasheet HTML 15Page - Texas Instruments PTH04000WAZ Datasheet HTML 16Page - Texas Instruments PTH04000WAZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ti.com
L
O
A
D
PTH04000W
R
6.65 k
0.05 W, 1%
SET
Ù
V = 5 V
I
V
= 1.8 V
O
GND
Track
Inhibit
Inhibit
GND
GND
V Adj
O
VO
VI
3
2
5
6
1
4
C1
47 F
(Required)
µ
C
47 F
(Optional)
O
µ
Q1
BSS138
t - Time = 10 ms/div
V (1 V/div)
O
I (500 mA/div)
I
V
(10 V/div)
(INH)
Auto-Track™ Function
PTH04000W
SLTS247A – JUNE 2005 – REVISED JULY 2005
Figure 12. On/Off Inhibit Control Circuit
Figure 13. Power Up Response From Inhibit Control
The Auto-Track function is unique to the PTH/PTV family, and is available with all POLA products. Auto-Track
was designed to simplify the amount of circuitry required to make the output voltage from each module power up
and power down in sequence. The sequencing of two or more supply voltages during power up is a common
requirement for complex mixed-signal applications that use dual-voltage VLSI ICs such as the TMS320™ DSP
family, microprocessors, and ASICs.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com