Electronic Components Datasheet Search
  English  ▼

X  

MM74HC02 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MM74HC02
Description  Quad 2-Input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC02 Datasheet(HTML) 7 Page - ON Semiconductor

  MM74HC02 Datasheet HTML 1Page - ON Semiconductor MM74HC02 Datasheet HTML 2Page - ON Semiconductor MM74HC02 Datasheet HTML 3Page - ON Semiconductor MM74HC02 Datasheet HTML 4Page - ON Semiconductor MM74HC02 Datasheet HTML 5Page - ON Semiconductor MM74HC02 Datasheet HTML 6Page - ON Semiconductor MM74HC02 Datasheet HTML 7Page - ON Semiconductor MM74HC02 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1.70
5.60
1.27
0.65
1.50
1.25
1.75 MAX
0.25
0.10
C
4.00
3.80
8.75
8.50
6.00
(0.33)
0.51
0.35
7.62
1.27
1
PIN #1
IDENT.
A
B
0.25
0.19
A
0.50
0.25 x 45
R0.10
R0.10
(1.04)
0.36
8°
0°
0.90
0.50
DETAIL A
SCALE 16 : 1
GAGE
PLANE
SEATING PLANE
TOP VIEW
FRONT VIEW
SIDE VIEW
14
7
8
1
7
8
LAND PATTERN RECOMMENDATION
NOTES:
A. CONFORMS TO JEDEC MS-012,
VARIATION AB, ISSUE C
B. ALL DIMENSIONS ARE IN MILLIMETERS
C. DIMENSIONS DO NOT INCLUDE MOLD
FLASH OR BURRS
D. LAND PATTERN STANDARD:
SOIC127P600X145-14M
E. CONFORMS TO ASME Y14.5M, 2009
D. DRAWING FILENAME: MKT-M14Arev14
14
0.10 C
0.25 M C B A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com