Electronic Components Datasheet Search
  English  ▼

X  

TLMH3102 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLMH3102
Description  Vishay Semiconductors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMH3102 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLMH3102 Datasheet HTML 1Page - Vishay Siliconix TLMH3102 Datasheet HTML 2Page - Vishay Siliconix TLMH3102 Datasheet HTML 3Page - Vishay Siliconix TLMH3102 Datasheet HTML 4Page - Vishay Siliconix TLMH3102 Datasheet HTML 5Page - Vishay Siliconix TLMH3102 Datasheet HTML 6Page - Vishay Siliconix TLMH3102 Datasheet HTML 7Page - Vishay Siliconix TLMH3102 Datasheet HTML 8Page - Vishay Siliconix TLMH3102 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 83032
Rev. 1.7, 31-Aug-04
VISHAY
TLMG / H / O / P / Y310.
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLMG310. ,TLMH310. TLMO310. ,TLMP310. ,TLMY310.
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TLMH310.
1) in one Packing Unit I
Vmax/IVmin ≤ 1.6
TLMG3105
Green, IV = (6.3 to 20) mcd
60 °
GaP on GaP
TLMP3100
Pure green, IV > 1 mcd
60 °
GaP on GaP
TLMP3101
Pure green, IV = (1.6 to 5) mcd
60 °
GaP on GaP
TLMP3107
Pure green, IV = (2.5 to 5) mcd
60 °
GaP on GaP
TLMP3102
Pure green, IV = (2.5 to 8) mcd
60 °
GaP on GaP
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
DC forward current
Tamb ≤ 60 °C
IF
30
mA
Surge forward current
tp ≤ 10 µsIFSM
0.5
A
Power dissipation
Tamb ≤ 60 °C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction/
ambient
mounted on PC board
(pad size > 16 mm2)
RthJA
400
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
TLMH3100
IV
2.5
6
mcd
TLMH3101
IV
4
12.5
mcd
TLMH3102
IV
6.3
20
mcd
Dominant wavelength
IF = 10 mA
λd
612
625
nm
Peak wavelength
IF = 10 mA
λp
635
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
22.8
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com