Electronic Components Datasheet Search
  English  ▼

X  

AS2431CFSB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AS2431CFSB
Description  Precision Adjustable Shunt Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS2431CFSB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  AS2431CFSB Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2431CFSB Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2431CFSB Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2431CFSB Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2431CFSB Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2431CFSB Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2431CFSB Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
24
www.ptcc.com.tw
AS2431
Precision Adjustable Shunt Reference
6
5
4
3
2
1
0
–1
01
2
3
4
5
6
7
t – Time (ms)
89
10 11 12
Input
Output
Pulse Response
INPUT
MONITOR
220
Ω
50
Ω
OUT
GND
f
P = 100 kHz
100
90
80
70
60
50
40
30
20
10
0
100
101
102
103
C
L – Load Capacitance (pF)
104
105
106
107
150
Ω
C
L
10 K
I
K
A
C
D
B
T
A = 25°C
Stability Boundary Conditions
Stability
Region
A: V
KA = VREF
B: V
KA = 5 V at IK = 10 mA
C: V
KA = 10 V at IK = 10 mA
D: V
KA = 15 V at IK = 10 mA
Figure 13
Figure 12
Typical Performance Curves



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com