Electronic Components Datasheet Search
  English  ▼

X  

TLMP3107 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLMP3107
Description  Vishay Semiconductors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMP3107 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TLMP3107 Datasheet HTML 2Page - Vishay Siliconix TLMP3107 Datasheet HTML 3Page - Vishay Siliconix TLMP3107 Datasheet HTML 4Page - Vishay Siliconix TLMP3107 Datasheet HTML 5Page - Vishay Siliconix TLMP3107 Datasheet HTML 6Page - Vishay Siliconix TLMP3107 Datasheet HTML 7Page - Vishay Siliconix TLMP3107 Datasheet HTML 8Page - Vishay Siliconix TLMP3107 Datasheet HTML 9Page - Vishay Siliconix TLMP3107 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number 83032
Rev. 1.7, 31-Aug-04
VISHAY
TLMG / H / O / P / Y310.
Vishay Semiconductors
Figure 11. Rel. Luminous Intensity vs. Ambient Temperature
Figure 12. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Figure 13. Relative Luminous Intensity vs. Forward Current
95 9994
Soft Orange
0
0.4
0.8
1.2
1.6
2.0
100
Tamb- Ambient Temperature (°C)
0
20406080
95 10259
Soft Orange
10
20
50
100 200
0
0.4
0.8
1.2
1.6
2.4
500
0.5
0.2
0.1 0.05
0.02
1
IF (mA)
tp/T
2.0
0.01
0.1
1
10
100
1
10
IF - Forward Current ( mA )
95 9997
Soft Orange
Figure 14. Relative Intensity vs. Wavelength
Figure 15. Forward Current vs. Forward Voltage
Figure 16. Rel. Luminous Intensity vs. Ambient Temperature
95 10324
Soft Orange
570
590
610
630
650
0
0.2
0.4
0.6
0.8
1.2
670
λ - Wavelength ( nm )
1.0
Yellow
0.1
1
10
100
95 9987
VF - Forward Voltage(V)
5
2
1
04
3
Yellow
0
0.4
0.8
1.6
1.2
2.0
95 9992
Tamb- Ambient Temperature (°C)
20
40
60
80
0
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com