Electronic Components Datasheet Search
  English  ▼

X  

TSSD10L45SW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSSD10L45SW
Description  10A, 45V - 60V Trench Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSD10L45SW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSSD10L45SW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSD10L45SW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSD10L45SW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSD10L45SW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSSD10L45SW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSSD10L45SW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSSD10L45SW - TSSD10L60SW
Taiwan Semiconductor
1
Version:B1704
10A, 45V - 60V Trench Schottky Rectifier
FEATURES
● Patented Trench Schottky technology
● Low power loss / high efficiency
● Ideal for automated placement
● Guard ring for over-voltage protection
● High forward surge capability
● Compliant to RoHS directive 2011/65/EU and
In accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● Lighting application
● On-board DC/DC converter
MECHANICAL DATA
● Case: TO-252 (D-PAK)
● Molding compound meets UL 94V-0 flammability rating
● Packing code with suffix "G" means green compound
(halogen-free)
● Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 1A whisker test
● Polarity: As marked
● Weight: 0.4 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
10
A
VRRM
45 - 60
V
IFSM
120
A
TJ MAX
150
°C
Package
TO-252 (D-PAK)
Configuration
Single die
TO-252 (D-PAK)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
TSSD10L45SW TSSD10L60SW UNIT
Marking code on the device
10L45SW
10L60SW
Repetitive peak reverse voltage
VRRM
45
60
V
Forward current
IF(AV)
10
A
Surge peak forward current, 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
120
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - TSSD10L45SW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSSD10L100SW TSC-TSSD10L100SW Datasheet
341Kb / 6P
10A, 100V - 200V Trench Schottky Rectifier
TSSD10L150SW TSC-TSSD10L150SW Datasheet
341Kb / 6P
10A, 100V - 200V Trench Schottky Rectifier
TSSD10L200SW TSC-TSSD10L200SW Datasheet
341Kb / 6P
10A, 100V - 200V Trench Schottky Rectifier
More results

Similar Description - TSSD10L45SW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSP10U45S TSC-TSP10U45S_15 Datasheet
233Kb / 5P
10A, 45V Trench Schottky Rectifier
TSSE3H45 TSC-TSSE3H45 Datasheet
207Kb / 5P
3A, 45V - 60V Trench Schottky Rectifiers
TSSE3U45 TSC-TSSE3U45 Datasheet
208Kb / 5P
3A, 45V - 60V Trench Schottky Rectifiers
TSSD20L45SW TSC-TSSD20L45SW Datasheet
344Kb / 6P
20A, 45V - 60V Trench Schottky Rectifier
TST10L60CW TSC-TST10L60CW Datasheet
201Kb / 4P
10A, 60V Trench Schottky Rectifier
TST40L45CW TSC-TST40L45CW Datasheet
205Kb / 5P
40A, 45V - 60V Trench Schottky Rectifiers
TSUP10M60SH TSC-TSUP10M60SH Datasheet
432Kb / 5P
10A, 60V Trench Schottky Rectifier
TSUP10M45SH TSC-TSUP10M45SH Datasheet
432Kb / 5P
10A, 45V Trench Schottky Rectifier
TST10H45C TSC-TST10H45C Datasheet
522Kb / 5P
10A, 45V Dual Common Cathode Trench Schottky Rectifier
TSSE3H45H TSC-TSSE3H45H Datasheet
445Kb / 5P
3A, 45V - 60V Trench Schottky Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com