Electronic Components Datasheet Search
  English  ▼

X  

TSSD20L200SW Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TSSD20L200SW
Description  20A, 100V - 200V Trench Schottky Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSD20L200SW Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TSSD20L200SW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSD20L200SW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSD20L200SW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSD20L200SW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSSD20L200SW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSSD20L200SW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSSD20L200SW Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSSD20L200SW Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TSSD20L100SW - TSSD20L200SW
Taiwan Semiconductor
8
Version:B1702
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com