Electronic Components Datasheet Search
  English  ▼

X  

AHV28 Datasheet(PDF) 2 Page - International Rectifier

Part # AHV28
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHV28 Datasheet(HTML) 2 Page - International Rectifier

  AHV28 Datasheet HTML 1Page - International Rectifier AHV28 Datasheet HTML 2Page - International Rectifier AHV28 Datasheet HTML 3Page - International Rectifier AHV28 Datasheet HTML 4Page - International Rectifier AHV28 Datasheet HTML 5Page - International Rectifier AHV28 Datasheet HTML 6Page - International Rectifier AHV28 Datasheet HTML 7Page - International Rectifier AHV28 Datasheet HTML 8Page - International Rectifier AHV28 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com
AHV28XX Series
Specifications (Single Output Models)
T
CASE
= -55°C to +125°C, V
IN = +28V ± 5% unless otherwise specified
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 50VDC (continuous) 80V (100ms)
Power Output
Internally limited, 17.5W typical
Soldering
300
°C for 10 seconds (1 pin at a time)
Temperature Range
Operating
-55
°C to +135°C
Storage
-65
°C to +135°C
Notes to Specifications (Single Output Models)
1. Bandwidth guaranteed by design. Tested for 20 KHz to 2 MHz.
2. Capacitive load may be any value from 0 to the maximum limit without affecting dc performance. A capacitive load in excess of the maximum limit will not disturb
loop stability but will interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-on.
3. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter shall be guaranteed to the limits specified.
4. An overload is that condition with a load in excess of the rated load but less than necessary to trigger the short circuit protection and is the condition of maximum
power dissipation.
5. Load step transition time between 2 to 10 microseconds.
6. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1 percent of VOUT at 50 percent load.
7. Input step transition time between 2 and 10 microseconds.
8. Turn on delay time measurement is for either a step application of power at input or the removal of a ground signal from the inhinbit pin (pin 2) while power is
applied to the input. Above 125
°C case temperature, derate output power linearly to 0 at 135°C case.
AHV2805S
AHV2812S
AHV2815S
TEST
SYMBOL
Condition
-55
°C ≤ T
C ≤
+125
°C,
V
IN
= 28 V
DC ±
5%, C
L
=0,
unless otherwise specified
Group A
Subgroups
Min
Max
Min
Max
Min
Max
Units
STATIC
CHARACTERISTICS
OUTPUT
V
OUT
V
IN = 16, 28, and 40 VDC
1
4.95
5.05
11.88
12.12
14.85
15.15
V
Voltage
I
OUT = 0
2,3
4.90
5.10
11.76
12.24
14.70
15.30
V
Current
I
OUT
V
IN = 16, 28, and 40 VDC
1,2,3
0.0
3.00
0.0
1.25
0.0
1.00
A
Ripple Voltage
1
V
RIP
V
IN = 16, 28, and 40 VDC
1,2,3
60
60
60
mVp-p
BW = DC to 1 MHz
Power
P
OUT
V
IN = 16, 28, and 40 VDC
1,2,3
15
15
15
W
REGULATION
Line
Load
VRLINE
VRLOAD
V
IN = 16, 28, and 40 VDC
I
OUT = 0, half load and full load
VIN = 16, 28, and 40 VDC
I
OUT = 0, half load and full load
1
2,3
1,2,3
5
25
50
30
60
120
35
75
150
mV
mV
mV
INPUT
Current
Ripple Current
I
IN
I
RIP
I
OUT = 0, Inhibit (pin 2) = 0
I
OUT = 0, Inhibit (pin 2) = Open
I
OUT = Full load
1,2,3
1,2,3,
18
50
50
18
50
50
18
50
50
mA
mA
mAp-p
EFFICIENCY
E
FF
I
OUT = Full Load
T
C = +25°C
1
72
72
72
%
ISOLATION
ISO
Input to output or any pin to
case (except pin 8) at 500
VDC
TC = +25
°C
1
100
100
100
M
Ω
Capacitive Load
2,3
C
L
No effect on DC performance
TC = +25
°C
4
500
200
200
µF
Load Fault
Power Dissipation
P
D
Overload, TC = +25
°C4
Short Circuit, TC = +25
°C
1
8.5
8.5
8,5
8.5
8.5
8.5
W
W
Switching Frequency
F
S
I
OUT = Full Load
4
450
550
450
550
450
550
KHz
DYNAMIC
CHARACTERISTICS
Step Load Changes
Output Transient
5
Recovery
5,6
VOT
LOAD
TT
LOAD
50% Load
135 100% Load
No Load
135 50%
50% Load
135 100%
No Load
335 50% Load
50% Load
335 No lLoad
4
4
4
4
4
-300
-500
+300
+500
70
200
5
-300
-750
+300
+750
70
1500
5
-300
-750
+300
+750
70
1500
5
mVpk
mVpk
µs
µs
ms
Step Line Changes
Output Transient
Recovery
VOT
LINE
TT
LINE
Input step 16 to 40 VDC
3,7
Input step 40 to 16 VDC
3,7
Input step 16 to 40 VDC
3,6,7
Input step 40 to 16 VDC
3,6,7
4
4
4
4
300
-1000
800
800
500
-1500
800
800
500
-1500
800
800
mVpk
mVpk
µs
µs
TURN-ON
Overshoot
Delay
VTon
os
T on D
I
OUT = OA and Full Load
I
OUT = O and Full Load
8
4,5,6
4,5,6
550
10
750
10
750
10
mVpk
ms
Load Fault Recovery
TR
LF
V
IN = 16 to 40 VDC
4,5,6
10
10
10
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com