Electronic Components Datasheet Search
  English  ▼

X  

UG54GS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UG54GS
Description  5A, 200V Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UG54GS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UG54GS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UG54GS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UG54GS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UG54GS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd UG54GS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UG54GS
Taiwan Semiconductor
1
Version:A1702
5A, 200V Ultrafast Rectifier
FEATURES
● High current capability
● High reliability
● High surge current capability
● Low power loss
● Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● Lighting application
● On-board DC/DC converter
● On-board DC/AC converter
MECHANICAL DATA
● Case: DO-204AC (DO-15)
● Molding compound meets UL 94V-0 flammability rating
● Part no. with suffix “H” means AEC-Q101 qualified
● Packing code with suffix "G" means green compound
(halogen-free)
● Terminal: Pure tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 0.4g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
5
A
VRRM
200
V
IFSM
65
A
TJ MAX
175
°C
Package
DO-204AC(DO-15)
Configuration
Single Die
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
UG54GS
UNIT
Marking code on the device
UG54GS
Repetitive peak reverse voltage
VRRM
200
V
Reverse voltage, total rms value
VR(RMS)
140
V
Forward current
IF(AV)
5
A
Surge peak forward current, 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
65
A
Junction temperature
TJ
-55 to +175
°C
Storage temperature
TSTG
-55 to +175
°C
DO-204AC (DO-15)


Similar Part No. - UG54GS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UG54G TSC-UG54G Datasheet
390Kb / 4P
5A, 200V - 600V Ultra Fast Rectifiers
More results

Similar Description - UG54GS

ManufacturerPart #DatasheetDescription
logo
Rohm
RDN050N20 ROHM-RDN050N20 Datasheet
50Kb / 4P
Switching (200V, 5A)
2SK2459N ROHM-2SK2459N Datasheet
137Kb / 4P
Switching (200V, 5A)
logo
Gaomi Xinghe Electronic...
BUGC30DH GXELECTRONICS-BUGC30DH Datasheet
332Kb / 2P
Ultrafast Efficient Rectifier (200V~800V / 3.0A)
logo
Taiwan Semiconductor Co...
UF5JFC TSC-UF5JFC Datasheet
300Kb / 5P
5A, 600V Ultrafast Rectifier
logo
PFC Device Inc.
P5L200B PFC-P5L200B Datasheet
644Kb / 5P
5A 200V MOS Schottky Rectifier
P5L200SP PFC-P5L200SP Datasheet
723Kb / 5P
5A 200V MOS Schottky Rectifier
P5200A PFC-P5200A Datasheet
693Kb / 5P
5A 200V MOS Schottky Rectifier
P5200F-A PFC-P5200F-A Datasheet
669Kb / 5P
5A 200V MOS Schottky Rectifier
PFS5L200 PFC-PFS5L200 Datasheet
561Kb / 5P
5A 200V MOS Schottky Rectifier
logo
Shindengen Electric Mfg...
D5FY20SN SHINDENGEN-D5FY20SN Datasheet
1Mb / 8P
Schottky Barrier Diodes 200V, 5A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com