Electronic Components Datasheet Search
  English  ▼

X  

BCPA44 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCPA44
Description  NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCPA44 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCPA44 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCPA44 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BCPA44
0.2A, 400V
P
Plastic Encapsulated Transistor
24-May-2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Base
Emitter
Collector
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Collector-Emitter Saturation Voltage
High Breakdown Voltage
MARKING
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
6
V
Collector Current-Continuous
IC
200
mA
Collector Current-Pulsed
ICM
300
mA
Collector Power Dissipation
PC
500
mW
Thermal Resistance from Junction to Ambient
RθJA
250
°C / W
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
400
-
-
V
IC=100µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
400
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=10uA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
µA
VCB=400V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µA
VEB=4V, IC=0
40
-
-
VCE=10V, IC=1mA
50
-
200
VCE=10V, IC=10mA
45
-
-
VCE=10V, IC=50mA
DC Current Gain
1
hFE
40
-
-
VCE=10V, IC=100mA
-
-
0.4
IC=1mA, IB=0.1mA
-
-
0.5
IC=10mA, IB=1mA
Collector-Emitter Saturation Voltage
1
VCE(sat)
-
-
0.75
V
IC=50mA, IB=5mA
Base-Emitter Saturation Voltage
1
VBE(sat)
-
-
0.75
V
IC=10mA, IB=1mA
Collector output capacitance
Cob
-
-
7
VCB=20V, IE=0, f=1MHz
Emitter input capacitance
Cib
-
-
130
PF
VBE=0.5V, IC=0, f=1MHz
Note:
1. Pulse test: pulse width ≤300µs, duty cycle≤ 2.0%.
A44
Package
MPQ
Reel Size
SOT-89
1K
7 inch
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
B C
E
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.25
2.60
K
0.32
0.52
E
1.55 TYP.
L
0.35
0.44
F
0.89
1.20


Similar Part No. - BCPA44

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA42 SECOS-BCPA42 Datasheet
338Kb / 2P
Epitaxial Planar Transistors
More results

Similar Description - BCPA44

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP869 SECOS-BCP869 Datasheet
75Kb / 2P
Plastic Encapsulated Transistor
S9014W SECOS-S9014W Datasheet
269Kb / 2P
Plastic Encapsulated Transistor
2SC2655L SECOS-2SC2655L Datasheet
622Kb / 2P
NPN Plastic Encapsulated Transistor
A1020 SECOS-A1020 Datasheet
306Kb / 2P
PNP Plastic-Encapsulated Transistor
MMBTA28 SECOS-MMBTA28 Datasheet
291Kb / 2P
NPN Plastic Encapsulated Transistor
MMBT1616A-C SECOS-MMBT1616A-C Datasheet
220Kb / 2P
NPN Plastic Encapsulated Transistor
CZD882M SECOS-CZD882M Datasheet
349Kb / 2P
NPN Plastic Encapsulate Transistor
2SC554 SECOS-2SC554 Datasheet
224Kb / 2P
NPN Plastic Encapsulated Transistor
2SB1151 SECOS-2SB1151 Datasheet
304Kb / 2P
PNP Plastic Encapsulated Transistor
PZT772J SECOS-PZT772J Datasheet
319Kb / 2P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com