Electronic Components Datasheet Search
  English  ▼

X  

BCP3669 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP3669
Description  NPN Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP3669 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP3669 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP3669 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCP3669
2A, 80V
NPN Plastic-Encapsulate Transistor
Elektronische Bauelemente
08-Dec-2017 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
1
Base
3
Emitter
Collector
24
24
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Flat Package
Large Current Capacity
High DC Current Gain
APPLICATION
LF Amplifiers, Various Drivers, Muting Circuit
MARKING
3669
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7 inch
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Continuous Collector Current
IC
2
A
Total Power Dissipation
PD
1
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Collector-Base Breakdown Voltage
V(BR)CBO
80
-
-
V
IC=100µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
80
-
-
V
IC=100µA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=100µA, IC=0
Collector Cut-off Current
ICBO
-
-
1
µA
VCB=80V, IE=0
Emitter Cut-off Current
IEBO
-
-
1
µA
VBE=5V, IC=0
Collector-Emitter Saturation Voltage
1
VCE(sat)
-
-
0.5
V
IC=1A, IB=50mA
Base-Emitter Saturation Voltage
1
VBE(sat)
-
-
1.2
DC Current Gain
1
hFE
180
-
240
VCE=2V, IC=500mA
40
-
-
VCE=2V, IC=1.5A
Transition Frequency
fT
-
100
-
MHz
VCE=2V, IC=500mA
Collector Output Capacitance
Cob
-
30
-
pF
VCB=10V, f=1MHz
Turn on
TON
-
0.2
-
µS
VCC=30V, RL=30 , IC=1A
IB1= -IB1=50mA
Duty Cycle≦1%
Storage Time
TSTG
-
1
-
Fall Time
Tf
-
0.2
-
Note:
1.
Pulse Test: Pulse Width≦380µs, Duty Cycle≦2%.
Part Number
Type
BCP3669
Lead (Pb)-free
BCP3669-C
Lead (Pb)-free and Halogen-free
SOT-89
Date Code
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.25
2.60
K
0.32
0.52
E
1.55 TYP.
L
0.35
0.44
F
0.89
1.20


Similar Part No. - BCP3669

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP3669 SECOS-BCP3669 Datasheet
191Kb / 2P
2 A , 80 V NPN Plastic-Encapsulate Transistor
BCP3669 SECOS-BCP3669_15 Datasheet
191Kb / 2P
NPN Plastic-Encapsulate Transistor
More results

Similar Description - BCP3669

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com