Electronic Components Datasheet Search
  English  ▼

X  

D64 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # D64
Description  32-Pin DIP 4 - Pole Filters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D64 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button D64 Datasheet HTML 3Page - List of Unclassifed Manufacturers D64 Datasheet HTML 4Page - List of Unclassifed Manufacturers D64 Datasheet HTML 5Page - List of Unclassifed Manufacturers D64 Datasheet HTML 6Page - List of Unclassifed Manufacturers D64 Datasheet HTML 7Page - List of Unclassifed Manufacturers D64 Datasheet HTML 8Page - List of Unclassifed Manufacturers D64 Datasheet HTML 9Page - List of Unclassifed Manufacturers D64 Datasheet HTML 10Page - List of Unclassifed Manufacturers D64 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
High-Pass
4-Pole, 0.2 dB Ripple
Appendix A
Chebychev
31
25 Locust St., Haverhill, Massachusetts 01830
∑Tel :800/252-7074, 978/374-0761 ∑FAX:978/521-1839
e-mail: sales@freqdev.com
∑Web Address: http://www.freqdev.com ∑Fax on Demand: 978/521-5178
Normalized Frequency(f/fc)
Frequency Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7 8
-100
-80
-60
-40
-20
0
(sec)
Theoretical Transfer Characteristics
1
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.20
1.50
1.70
2.00
2.50
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
.060
.048
.040
.200
.170
.129
.098
.076
.140
.031
.003
.074
.174
-25.0
-18.6
-12.7
-7.34
-3.01
-89.8
-65.1
-51.1
-40.6
-32.2
21.7
19.3
17.3
60.4
44.5
35.2
29.2
24.9
172
128
111
93.2
73.4
308
296
280
259
231
352
345
337
328
319
.008
.006
.005
.060
.033
.020
.014
.010
.633
.275
.197
.138
.088
.314
.383
.500
.686
.873
.212
.218
.228
.245
.272



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com