Electronic Components Datasheet Search
  English  ▼

X  

AL8843 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL8843
Description  40V 3A STEP-DOWN LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8843 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL8843 Datasheet HTML 9Page - Diodes Incorporated AL8843 Datasheet HTML 10Page - Diodes Incorporated AL8843 Datasheet HTML 11Page - Diodes Incorporated AL8843 Datasheet HTML 12Page - Diodes Incorporated AL8843 Datasheet HTML 13Page - Diodes Incorporated AL8843 Datasheet HTML 14Page - Diodes Incorporated AL8843 Datasheet HTML 15Page - Diodes Incorporated AL8843 Datasheet HTML 16Page - Diodes Incorporated AL8843 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AL8843
Document number: DS40367 Rev. 1 - 2
13 of 18
www.diodes.com
December 2017
© Diodes Incorporated
AL8843
Application Information (Cont.)
Inductor Selection
Recommended inductor values for the AL8843
are in the range 33μH to 100μH. Higher inductance are recommended at higher supply voltages in
order to minimize output current tolerance due to switching delays, which will result in increased ripple and lower efficiency. Higher inductance also
results in a better line regulation. The inductor should be mounted as close to the device as possible with low resistance connections to SW pins.
The chosen coil should have saturation current higher than the peak output current and a continuous current rating above the required mean output
current.
The inductor value should be chosen to maintain operating duty cycle and switch ‗on‘/‗off‘ times within the specified limits over the supply voltage
and load current range. The following equations can be used as a guide.
SW
Switch ‗On‘ Time
SW
Switch ‗Off‘ Time
Where: L is the coil inductance; RL is the coil resistance; RSET is the current sense resistance; ILED
is the required LED current; ΔI is the coil peak-
peak ripple current (internally set to 0.26 × ILED); VIN is the supply voltage; VLED is the total LED forward voltage; RSW is the switch resistance (0.2
Ω
nominal); VD is the diode forward voltage at the required load current.
Thermal Protection
The AL8843 includes Over-Temperature Protection (OTP) circuitry that will turn off the device if its junction temperature gets too high. This is to
protect the device from excessive heat damage. The OTP circuitry includes thermal hysteresis that will cause the device to restart normal operation
once its junction temperature has cooled down by approximately +30°C.
Open Circuit LEDs
The AL8843 has by default open LED protection. If the LEDs should become open circuit the AL8843 will stop oscillating; the SET pin will rise to VIN
and the SW pin will then fall to GND. No excessive voltages will be seen by the AL8843.
LED Chain Shorted Together
If the LED chain should become shorted together (the anode of the top LED becomes shorted to the cathode of the bottom LED) the AL8843 will
continue to switch and the current through the AL8843
‘s internal switch will still be at the expected current - so no excessive heat will be generated
within the AL8843. However, the duty cycle at which it operates will change dramatically and the switching frequency will most likely decrease. See
Figure 2 for an example of this behavior at 24V input voltage driving 3 LEDs.
The on-time of the internal power MOSFET switch is significantly reduced because almost all of the input voltage is now developed across the
inductor. The off-time is significantly increased because the reverse voltage across the inductor is now just the Schottky diode voltage (See Figure 2)
causing a much slower decay in inductor current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com