Electronic Components Datasheet Search
  English  ▼

X  

ZXSC440X8TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXSC440X8TA
Description  DC-DC BOOST SWITCHING CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC440X8TA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXSC440X8TA Datasheet HTML 1Page - Diodes Incorporated ZXSC440X8TA Datasheet HTML 2Page - Diodes Incorporated ZXSC440X8TA Datasheet HTML 3Page - Diodes Incorporated ZXSC440X8TA Datasheet HTML 4Page - Diodes Incorporated ZXSC440X8TA Datasheet HTML 5Page - Diodes Incorporated ZXSC440X8TA Datasheet HTML 6Page - Diodes Incorporated ZXSC440X8TA Datasheet HTML 7Page - Diodes Incorporated ZXSC440X8TA Datasheet HTML 8Page - Diodes Incorporated ZXSC440X8TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
1 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
DC-DC BOOST SWITCHING CONTROLLERS
Description
The ZXSC410/420/440 are DC-DC boost controllers. Their wide input
voltage range makes them suitable for operation for a number of
battery
configurations
including
single
Li-Ion
cell
and
2~3
alkaline/NiCd/NiMH cells. Using high gain Diodes Zetex-brand
switching npn-transistors allows high-voltage boost ratios and/or high
output current depending on the transistor. The ZXSC410/440 has a
shutdown feature that can also be used for some dimming
functionality. ZXSC420/440 includes an End of Regulation flag that
can be used to indicate when the regulator is no longer able to
maintain the regulated output voltage/current or has reached the
required current/voltage. The ZXSC440 combines the features of the
ZXSC410 and ZXSC420 into one device.
Features
1.65V to 8V Supply Range
Typical Output Regulation of ±1%
Over 85% Typical Efficiency
Output Currents Up to 300mA
4.5µA Typical Shutdown Current ZXSC410/440
End of Regulation Output ZXSC420/440
Available in SOT26 and MSOP-8
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
ZXSC410 (SOT26)
DRIVE
VFB
SENSE
VCC
GND
STDN
1
2
3
8
7
6
ZXSC420 (SOT26)
DRIVE
VFB
SENSE
VCC
GND
EOR
1
2
3
8
7
6
ZXSC440 (MSOP-8)
DRIVE
VFB
SENSE
N/C
VCC
GND
EOR
STDN
1
2
3
4
8
7
6
5
Applications
System Power for Battery Portable Products
LCD Bias
Local Voltage Conversion
High-Brightness LED Driving
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
ZXSC410
ZXTN25012EFH
ZHCS2000
22µH
18m
Ω
820m
Ω
22µF
100µF


Similar Part No. - ZXSC440X8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC440X8TA ZETEX-ZXSC440X8TA Datasheet
165Kb / 13P
PHOTOFLASH CHARGER
ZXSC440X8TA ZETEX-ZXSC440X8TA Datasheet
173Kb / 16P
PHOTOFLASH CHARGER
logo
Diodes Incorporated
ZXSC440X8TA DIODES-ZXSC440X8TA Datasheet
161Kb / 16P
PHOTOFLASH CHARGER
JANUARY 2005
ZXSC440X8TA DIODES-ZXSC440X8TA Datasheet
483Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
Rev 5
More results

Similar Description - ZXSC440X8TA

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
Switching Regulator Controllers for DC/DC Converters
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Diodes Incorporated
ZXSC4X0 DIODES-ZXSC4X0 Datasheet
483Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
Rev 5
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
Boost/buck-boost DC-DC controller
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
220KHz 60V 5A switching current boost/buck-boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com