Electronic Components Datasheet Search
  English  ▼

X  

MSM5299A Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5299A
Description  80-DOT LCD SEGMENT DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5299A Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM5299A Datasheet HTML 3Page - OKI electronic componets MSM5299A Datasheet HTML 4Page - OKI electronic componets MSM5299A Datasheet HTML 5Page - OKI electronic componets MSM5299A Datasheet HTML 6Page - OKI electronic componets MSM5299A Datasheet HTML 7Page - OKI electronic componets MSM5299A Datasheet HTML 8Page - OKI electronic componets MSM5299A Datasheet HTML 9Page - OKI electronic componets MSM5299A Datasheet HTML 10Page - OKI electronic componets MSM5299A Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MSM5299A
¡ Semiconductor
7/11
FUNCTIONAL DESCRIPTION
Pin Functional Description
• ER, EL
When single MSM5299A is used, ER (EL) should be set at "L" level.
When a cascade connection is required, set the ER (EL) pin of the first MSM5299A at "L" level
and connect the EL (ER) pin of the first MSM5299A to the ER (EL) pin of the second MSM5299A,
then connect the EL (ER) pin of the second MSM5299A to the ER (EL) pin of the third MSM5299A.
•CP
Clock pulse input pin for the 4-bit parallel shift register. The data is shifted to 4 ¥ 20-bit shift
register at the falling edge of the clock pulse. The clock pulse is activated when the ENABLE
F/F is set and is deactivated when the ENABLE F/F is not set.
• SHL
Input pin to switch the input or output of pins ER and EL, and the shift direction of the 4-bit
parallel bidirectional shift register.
The shift direction of the 4-bit parallel data, the correspondence of the data D0 to D3 to the
driver outputs O1 to O80, and the input and output state of pins ER and EL are shown in the
table below.
SHL
L
H
Input
Output
Output
Input
ER
EL
Shift direction
D0
D1
D2
D3
O1
O2
O3
O4
D0
D1
D2
D3
O5
O6
O7
O8
O77
O78
O79
O80
O80
O79
O78
O77
O76
O75
O74
O73
O4
O3
O2
O1
end data
start data
Pin
Input/Output
SHL
Description
Input pin to ENABLE F/F of MSM5299A.
Output pin of ENABLE F/F. EL is connected to next MSM5299A's
ER when MSM5299As are connected in series (cascade
connection).
Input pin to ENABLE F/F of MSM5299A.
Output pin of ENABLE F/F. ER is connected to next MSM5299A's
EL when MSM5299As are connected in series (cascade
connection).
L
H
Input
Output
Input
Output
ER
EL
EL
ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com