Electronic Components Datasheet Search
  English  ▼

X  

MP07604 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07604
Description  SAW Filter 1575.420MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07604 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07604 Datasheet HTML 1Page - Golledge Electronics Ltd MP07604 Datasheet HTML 2Page - Golledge Electronics Ltd MP07604 Datasheet HTML 3Page - Golledge Electronics Ltd MP07604 Datasheet HTML 4Page - Golledge Electronics Ltd MP07604 Datasheet HTML 5Page - Golledge Electronics Ltd MP07604 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1575.420MHz
Model: TA1653A
Part No: MP07604
Rev No: 2
TA1653A v2
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device (ESD)
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
1575.42
-
-
Insertion Loss within 1574.42 ~ 1576.42MHz
dB
-
0.75
1.2
-
Amplitude ripple within 1574.42 ~ 1576.42MHz
dB
-
0.02
0.5
-
Attenuation
D.C ~ 824.0MHz
dB
32
35
-
-
824.0 ~ 849.0MHz
dB
32
35
-
-
849.0 ~ 960.0MHz
dB
32
35
-
-
1495.0 ~ 1515.0MHz
dB
30
32
-
-
1635.0 ~ 1655.0MHz
dB
40
44
-
1710.0 ~ 1750.0MHz
dB
40
43
-
1750.0 ~ 1780.0MHz
dB
40
43
-
1780.0 ~ 1785.0MHz
dB
40
43
-
1850.0 ~ 1910.0MHz
dB
35
40
-
1920.0 ~ 1980.0MHz
dB
35
38
-
2400.0 ~ 2480.0MHz
dB
30
32
-
2480.0 ~ 2500.0MHz
dB
30
32
-
2500.0 ~ 2700.0MHz
dB
25
30
-
3000.0 ~ 4000.0MHz
dB
20
24
-
4000.0 ~ 6000.0MHz
dB
18
21
-
VSWR 1574.42 ~ 1576.42MHz
-
-
1.4
1.8
Note: No Matching Network (Ref. Testing Environment Circuit as shown below).


Similar Part No. - MP07604

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MP0760-100 LSTD-MP0760-100 Datasheet
70Kb / 1P
cosmetic specification refer to wl-qa-038
MP0760-100 LSTD-MP0760-100 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
logo
Golledge Electronics Lt...
MP07600 GOLLEDGE-MP07600 Datasheet
223Kb / 6P
SAW Filter 1820.0MHz
More results

Similar Description - MP07604

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP03289 GOLLEDGE-MP03289 Datasheet
222Kb / 6P
SAW Filter 1575.420MHz
MA07466 GOLLEDGE-MA07466 Datasheet
232Kb / 5P
1575.420MHz SAW Filter
MA09738 GOLLEDGE-MA09738 Datasheet
348Kb / 6P
SAW Filter 1575.420MHz
MP01198 GOLLEDGE-MP01198 Datasheet
138Kb / 6P
SAW Filter 1575.420MHz
MP01897 GOLLEDGE-MP01897 Datasheet
154Kb / 6P
SAW Filter 1575.420MHz
MP03890 GOLLEDGE-MP03890 Datasheet
173Kb / 6P
SAW Filter 1575.420MHz
MP05144 GOLLEDGE-MP05144 Datasheet
206Kb / 6P
SAW Filter 1575.420MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com