Electronic Components Datasheet Search
  English  ▼

X  

MP07320 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07320
Description  SAW Filter 918.60MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07320 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07320 Datasheet HTML 1Page - Golledge Electronics Ltd MP07320 Datasheet HTML 2Page - Golledge Electronics Ltd MP07320 Datasheet HTML 3Page - Golledge Electronics Ltd MP07320 Datasheet HTML 4Page - Golledge Electronics Ltd MP07320 Datasheet HTML 5Page - Golledge Electronics Ltd MP07320 Datasheet HTML 6Page - Golledge Electronics Ltd MP07320 Datasheet HTML 7Page - Golledge Electronics Ltd MP07320 Datasheet HTML 8Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 918.60MHz
Model: TA1628A
Part No: MP07320
Rev No: 1
TA1628A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device
1. Input Power Level: 15dBm
2. DC Voltage: 6V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
918.6
-
3dB BW
MHz
-
5.0
-
Minimum insertion loss IL (min)
Incl. loss of matching elements (Q = 82) *1)
Exclude loss in matching elements *2)
dB
dB
-
-
2.7
2.5
4.2
4.0
Passband (relative to IL min) *1)
916.70 ~ 920.50MHz
dB
-
1.2
3.0
Attenuation (relative to IL min) *1)
10.000 ~ 710.00MHz
dB
45
52
-
710.00 ~ 850.00MHz
dB
35
40
-
850.00 ~ 910.00MHz
dB
20
27
-
910.00 ~ 914.00MHz
dB
10
15
-
914.00 ~ 915.00MHz
dB
5
12
-
923.00 ~ 930.00MHz
dB
5
19
-
930.00 ~ 960.00MHz
dB
17
29
-
960.00 ~ 1000.0MHz
dB
28
35
-
1000.0 ~ 2500.0MHz
dB
30
41
-
Turnover To
Deg.C
-
70
-
Temperature coefficient (TCf)
ppm/c*2
-
0.047
-
Impedance at Fc, Input ZIN = RIN // CIN ZS
Ω
62Ω // 1.35pF
Impedance at Fc, Output ZOUT = ROUT // COUT ZL
Ω
58Ω // 1.44pF
*1: The matching circuit is real by actual passive components.
0805 Coillcraft CS series chip conductor is used for inductor.
0402 muRata GRM series is used for capacitor.
*2: The matching circuit is ideal by simulation.


Similar Part No. - MP07320

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07322 GOLLEDGE-MP07322 Datasheet
281Kb / 9P
SAW Filter 1582.470MHz
MP07327 GOLLEDGE-MP07327 Datasheet
233Kb / 6P
SAW Filter 2350.0MHz
MP07328 GOLLEDGE-MP07328 Datasheet
232Kb / 6P
SAW Filter 2350.0MHz
MP07329 GOLLEDGE-MP07329 Datasheet
232Kb / 6P
SAW Filter 2350.0MHz
More results

Similar Description - MP07320

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MP05039 GOLLEDGE-MP05039 Datasheet
211Kb / 5P
SAW Filter 918.60MHz
MP05037 GOLLEDGE-MP05037 Datasheet
210Kb / 5P
SAW Filter 918.60MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com