Electronic Components Datasheet Search
  English  ▼

X  

MP06772 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP06772
Description  SAW Filter 433.920MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP06772 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP06772 Datasheet HTML 1Page - Golledge Electronics Ltd MP06772 Datasheet HTML 2Page - Golledge Electronics Ltd MP06772 Datasheet HTML 3Page - Golledge Electronics Ltd MP06772 Datasheet HTML 4Page - Golledge Electronics Ltd MP06772 Datasheet HTML 5Page - Golledge Electronics Ltd MP06772 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 433.920MHz
Model: TA1728A
Part No: MP06772
Rev No: 2
TA1728A v2
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Input Power Level: 20dBm
2. DC voltage: 3V
3. Operating Temperature: -40°C to 85°C
4. Storage Temperature: -40°C to +85°C
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
433.92
-
Insertion loss 433.12 ~ 434.72MHz IL
dB
-
2.2
2.9
Amplitude ripple 433.12 ~ 434.72MHz
dB
-
0.4
1.0
VSWR S11 S22
-
-
1.6
2.0
Attenuation (Reference level from 0dB)
10.0 ~ 380.00MHz
dB
58
61
-
380.00 ~ 423.42MHz
dB
46
50
-
423.42 ~ 427.00MHz
dB
4
16
-
443.42 ~ 453.42MHz
dB
25
30
-
453.42 ~ 460.00MHz
dB
35
40
460.00 ~ 700.00MHz
dB
50
54
700.00 ~ 1000.00MHz
dB
42
46
Source impedance ZS
Ω
-
50
-
Load impedance ZL
Ω
-
50
-
Note: No matching network required for operation at 50Ω
C. MEASUREMENT CIRCUIT:
50
HP Network analyzer
50
SAW Filter
B
E
A,C,D,F


Similar Part No. - MP06772

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP06771 GOLLEDGE-MP06771 Datasheet
454Kb / 6P
SAW Filter 1583.0MHz
More results

Similar Description - MP06772

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS433.92N03-SE ABRACON-AFS433.92N03-SE Datasheet
243Kb / 2P
433.920MHz SURFACE MOUNT SAW FILTER
07.02.07
logo
Golledge Electronics Lt...
MA03137 GOLLEDGE-MA03137 Datasheet
194Kb / 4P
SAW Filter 433.920MHz
MA05277 GOLLEDGE-MA05277 Datasheet
367Kb / 5P
SAW Filter 433.920MHz
MP01062 GOLLEDGE-MP01062 Datasheet
103Kb / 5P
SAW Filter 433.920MHz
MA08910 GOLLEDGE-MA08910 Datasheet
126Kb / 4P
SAW Filter 433.920MHz
MA09246 GOLLEDGE-MA09246 Datasheet
183Kb / 5P
433.920MHz SAW Filter
MA09182 GOLLEDGE-MA09182 Datasheet
228Kb / 5P
433.920MHz SAW Filter
MP07645 GOLLEDGE-MP07645 Datasheet
267Kb / 6P
SAW Filter 433.920MHz
MA06413 GOLLEDGE-MA06413 Datasheet
209Kb / 4P
SAW Resonator 433.920MHz
MA03138 GOLLEDGE-MA03138 Datasheet
291Kb / 4P
SAW Resonator 433.920MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com