Electronic Components Datasheet Search
  English  ▼

X  

F6103 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # F6103
Description  Common Data Link (CDL) RX IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F6103 Datasheet(HTML) 1 Page - Integrated Device Technology

  F6103 Datasheet HTML 1Page - Integrated Device Technology F6103 Datasheet HTML 2Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Common Data Link (CDL) RX IC
14GHz to 16GHz
F6103 Advance
Short-Form Datasheet
© 2018 Integrated Device Technology, Inc.
1
September 27, 2018
Description
The F6103 is an 8-channel receiver IC designed using a SiGe
BiCMOS process for CDL phased array applications. The core IC
has 6-bit phase control coupled with 30dB gain control on each
channel to achieve fine beam steering and gain compensation
between radiating channels. The device has 17dB nominal electric
gain and -31dBm IP1dB. The core chip achieves an RMS phase
error of 3° and RMS gain error of 0.3dB over the frequency of
operation. The typical total power consumption is 0.32W (40mW
per channel).
Competitive Advantage
 High integration
 Orthogonality of phase and amplitude control
 Advanced Serial Peripheral Interface (SPI) with 4-state
memory
 Superior channel-to-channel isolation
 Minimal footprint
Typical Applications
 CDL Terminals
 Aerospace and Maritime
 Beam Steering
 Point-to-Point (Line-of-Sight) Communications
Features
 14GHz to 16GHz operation
 8 radiation channels
 6-bit phase control
 20ns typical gain settling time
 20ns typical phase settling time
 3° typical RMS phase error
 0.3dB typical RMS gain error
 30dB gain attenuation range
 5-bit IC address
 Integrated proportional-to-absolute temperature (PTAT)
sensor with external biasing
 -40°C to +95°C internal temperature sensor
 Programmable 4-state on-chip memory
 Supply voltage: +2.1V to +2.5V
 -40°C to +95°C ambient operating temperature range
 27°C typical ambient operating temperature
 5mm x 5mm, 40-QFN package
Block Diagram
Figure 1.
Block Diagram
RF1
RF2
RF8
RF5
RFC
RF3
RF4
RF7
RF6


Similar Part No. - F6103

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
F6100HD BELIMO-F6100HD Datasheet
1Mb / 5P
Resilient Seat, 304 Stainless Steel Disc
logo
Integrated Device Techn...
F6101 IDT-F6101 Datasheet
165Kb / 2P
Ku-Band SATCOM Receiver IC
F6101EVB IDT-F6101EVB Datasheet
165Kb / 2P
Ku-Band SATCOM Receiver IC
F6101EVS IDT-F6101EVS Datasheet
165Kb / 2P
Ku-Band SATCOM Receiver IC
F6101NTGK IDT-F6101NTGK Datasheet
165Kb / 2P
Ku-Band SATCOM Receiver IC
More results

Similar Description - F6103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0299B STMICROELECTRONICS-STV0299B Datasheet
242Kb / 36P
QPSK/BPSK LINK IC
May-2000
logo
Rohm
BH1416F ROHM-BH1416F Datasheet
48Kb / 3P
Wireless Audio Link IC
BH1417F ROHM-BH1417F Datasheet
38Kb / 3P
Wireless Audio Link IC
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
CT2-RX/TX IC
logo
List of Unclassifed Man...
TXL2 ETC2-TXL2 Datasheet
368Kb / 11P
UHF Multi Channel Transparent Data Link TX/RX
logo
Radiometrix Ltd
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
UHF Multi Channel Transparent Data Link TX/RX
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
9600 baud Transparent Data Link IC
logo
Integrated Device Techn...
F6503 IDT-F6503 Datasheet
167Kb / 2P
Common Data Link (CDL) TX IC
logo
Dialog Semiconductor
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
IO-Link Device IC
logo
Toshiba Semiconductor
TC90207FG TOSHIBA-TC90207FG Datasheet
613Kb / 14P
LVDS-Rx IC
2016-02-24 Rev.1.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com