Electronic Components Datasheet Search
  English  ▼

X  

AS2431CABDM Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AS2431CABDM
Description  Precision Adjustable Shunt Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS2431CABDM Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  AS2431CABDM Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2431CABDM Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2431CABDM Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2431CABDM Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2431CABDM Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2431CABDM Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2431CABDM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
24
www.ptcc.com.tw
AS2431
Precision Adjustable Shunt Reference
6
5
4
3
2
1
0
–1
01
2
3
4
5
6
7
t – Time (ms)
89
10 11 12
Input
Output
Pulse Response
INPUT
MONITOR
220
Ω
50
Ω
OUT
GND
f
P = 100 kHz
100
90
80
70
60
50
40
30
20
10
0
100
101
102
103
C
L – Load Capacitance (pF)
104
105
106
107
150
Ω
C
L
10 K
I
K
A
C
D
B
T
A = 25°C
Stability Boundary Conditions
Stability
Region
A: V
KA = VREF
B: V
KA = 5 V at IK = 10 mA
C: V
KA = 10 V at IK = 10 mA
D: V
KA = 15 V at IK = 10 mA
Figure 13
Figure 12
Typical Performance Curves



Html Pages

1 2 3 4 5 6 7