Electronic Components Datasheet Search
  English  ▼

X  

MPM3833C Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPM3833C
Description  2.75 - 6V, 3A, Ultra-Small and Ultra-Low Noise Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3833C Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPM3833C Datasheet HTML 10Page - Monolithic Power Systems MPM3833C Datasheet HTML 11Page - Monolithic Power Systems MPM3833C Datasheet HTML 12Page - Monolithic Power Systems MPM3833C Datasheet HTML 13Page - Monolithic Power Systems MPM3833C Datasheet HTML 14Page - Monolithic Power Systems MPM3833C Datasheet HTML 15Page - Monolithic Power Systems MPM3833C Datasheet HTML 16Page - Monolithic Power Systems MPM3833C Datasheet HTML 17Page - Monolithic Power Systems MPM3833C Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MPM3833C – 6V, 3A, ULTRA-SMALL STEP-DOWN MODULE
MPM3833C Rev. 1.0
www.MonolithicPower.com
16
12/3/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
When using tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated with
Equation (7):
OUT
OUT
OUT
ESR
IN
S1
VV
∆V1
R
fL
V

 


(7)
Where L1 is a 1μH integrated inductor.
The characteristics of the output capacitor
affect the stability of the regulation system.
PCB Layout Guidelines
Efficient layout of the switching power supplies
is critical for stable operation, especially for the
high switching converter. If the layout is not
done carefully, the regulator could show poor
line or load regulation or stability issues. For
best results, refer to Figure 3 and follow the
guidelines below.
1. Place a 0805 size ceramic input capacitor
as close to the IC pins as possible.
2. Connect the two ends of the ceramic
capacitor to IN and PGND directly.
3. Add coppers to SW for power dissipation.
4. Place the external feedback resistor next to
FB.
Top Layer
Bottom Layer
Figure 3: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com