Electronic Components Datasheet Search
  English  ▼

X  

MP07512 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07512
Description  SAW Filter 315.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07512 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07512 Datasheet HTML 1Page - Golledge Electronics Ltd MP07512 Datasheet HTML 2Page - Golledge Electronics Ltd MP07512 Datasheet HTML 3Page - Golledge Electronics Ltd MP07512 Datasheet HTML 4Page - Golledge Electronics Ltd MP07512 Datasheet HTML 5Page - Golledge Electronics Ltd MP07512 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 315.0MHz
Model: TA1794A
Part No: MP07512
Rev No: 1
TA1794A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Input Power Level: 13dBm
2. DC Voltage: 0V
3. Operating Temperature: -40°C to +105°C
4. Storage Temperature: -40°C to +105°C
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance (single): ZS = 50Ω
2. Terminating load impedance (single): ZL = 50Ω
 
Item
Unit
Min
Typ.
Max
Center Frequency Fc
MHz
-
315
-
Minimum Insertion Loss
α min
Incl. Loss in matching elements (314.47~315.53MHz)
dB
2.5
2.7
Excl. Loss in matching elements (314.47~315.53MHz)
dB
1.5
1.6
Pass Band (Relative to
α min)
1) 314.47 ~ 315.53MHz
2.5
3.0
2) 314.45 ~ 315.55MHz
3.0
3.5
Relative Attenuation (Relative to
α min) α rel
10 ~ 140MHz
dB
66
71
140 ~ 235MHz
dB
57
62
235 ~ 300MHz
dB
44
49
300 ~ 310MHz
dB
23
34
310 ~ 313MHz
dB
9
14
317 ~ 320MHz
dB
9
14
320 ~ 325MHz
dB
15
20
325 ~ 332MHz
dB
27
32
332 ~ 352MHz
dB
36
41
352 ~ 390MHz
dB
47
52
390 ~ 1600MHz
dB
55
60
1600 ~ 2500MHz
dB
50
55
Package size
mm
SMD 3x3
Impedance for pass band matching 3)
Input: ZIN = Ls1 / Cp1
nH
120/10
Output: ZOUT = Ls2 / Cp2
nH
110/8.2
1) 314.47 ~ 315.49MHz for extended temperature range -40°C to +125°C.
2) 314.45 ~ 315.51MHz for extended temperature range -40°C to +125°C.


Similar Part No. - MP07512

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07517 GOLLEDGE-MP07517 Datasheet
189Kb / 6P
SAW Filter 2185.0MHz
More results

Similar Description - MP07512

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F3152 ITF-F3152 Datasheet
286Kb / 6P
SAW Bandpass Filter 315.0MHz
2005-11-08
logo
Abracon Corporation
AFS315.0W01-TS3 ABRACON-AFS315.0W01-TS3 Datasheet
1Mb / 3P
AFS315.0W01-TS3 SMD 315.0MHz SAW Filter
08.11.11
logo
Golledge Electronics Lt...
MA09382 GOLLEDGE-MA09382 Datasheet
141Kb / 4P
315.0MHz SAW Filter
MA09065 GOLLEDGE-MA09065 Datasheet
196Kb / 5P
SAW Filter: 315.0MHz
MP03963 GOLLEDGE-MP03963 Datasheet
83Kb / 5P
SAW Filter 315.0MHz
MP07597 GOLLEDGE-MP07597 Datasheet
260Kb / 5P
SAW Filter 315.0MHz
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
One-Port SAW Resonator 315.0MHz
MP06999 GOLLEDGE-MP06999 Datasheet
303Kb / 6P
SAW Resonator: 315.0MHz
MA07075 GOLLEDGE-MA07075 Datasheet
79Kb / 4P
SAW Resonator 315.0MHz
MP05119 GOLLEDGE-MP05119 Datasheet
182Kb / 5P
SAW Resonator 315.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com