Electronic Components Datasheet Search
  English  ▼

X  

MP07646 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MP07646
Description  SAW Filter 434.70MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07646 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MP07646 Datasheet HTML 1Page - Golledge Electronics Ltd MP07646 Datasheet HTML 2Page - Golledge Electronics Ltd MP07646 Datasheet HTML 3Page - Golledge Electronics Ltd MP07646 Datasheet HTML 4Page - Golledge Electronics Ltd MP07646 Datasheet HTML 5Page - Golledge Electronics Ltd MP07646 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 434.70MHz
Model: TA1820A
Part No: MP07646
Rev No: 1
TA1820A v1
2
330 ~ 446MHz
dB
25
30
446 ~ 455MHz
dB
25
30
455 ~ 480MHz
dB
28
33
480 ~ 800MHz
dB
40
45
800 ~ 1700MHz
dB
52
57
1700 ~ 2500MHz
dB
42
47
Package size
mm
SMD 3x3
Impedance for pass band matching
Input: ZIN = Ls1 / Cp1
nH
82/8.2
Output: ZOUT = Ls2 / Cp2
nH
68/1
1. 433.913 ... 434.928MHz for extended temperature range -40°C to +125°C.
2. 433.898 ... 434.943MHz for extended temperature range -40°C to +125°C.
3. 0805 Coillcraft CS series chip conductor is used for inductor.
4. 0402 muRata GRM series is used for capacitor.
C. TEST CIRCUIT:
Ls1 = 82nH, Ls2 = 68nH, Cp1 = 8.2pF, Cp2 = 1pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com