Electronic Components Datasheet Search
  English  ▼

X  

MP07826 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07826
Description  SAW Filter 2140.0MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07826 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07826 Datasheet HTML 1Page - Golledge Electronics Ltd MP07826 Datasheet HTML 2Page - Golledge Electronics Ltd MP07826 Datasheet HTML 3Page - Golledge Electronics Ltd MP07826 Datasheet HTML 4Page - Golledge Electronics Ltd MP07826 Datasheet HTML 5Page - Golledge Electronics Ltd MP07826 Datasheet HTML 6Page - Golledge Electronics Ltd MP07826 Datasheet HTML 7Page - Golledge Electronics Ltd MP07826 Datasheet HTML 8Page - Golledge Electronics Ltd MP07826 Datasheet HTML 9Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 2140.0MHz
Model: TA1699A
Part No: MP07826
Rev No: 1
TA1699A v1
1
A. MAXIMUM RATING:
1. Maximum Input Power: 15dBm
2. DC voltage: 0V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Note: No Matching Network.


Similar Part No. - MP07826

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07828 GOLLEDGE-MP07828 Datasheet
312Kb / 8P
SAW Filter 1960.0MHz
More results

Similar Description - MP07826

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA08918 GOLLEDGE-MA08918 Datasheet
205Kb / 6P
SAW Filter 2140.0MHz
MP04337 GOLLEDGE-MP04337 Datasheet
176Kb / 7P
SAW Filter 2140.0MHz
MP06140 GOLLEDGE-MP06140 Datasheet
206Kb / 6P
SAW Filter 2140.0MHz
MP05868 GOLLEDGE-MP05868 Datasheet
208Kb / 8P
SAW Filter 2140.0MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com