Electronic Components Datasheet Search
  English  ▼

X  

MP07845 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07845
Description  SAW Filter 2655.0MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07845 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07845 Datasheet HTML 1Page - Golledge Electronics Ltd MP07845 Datasheet HTML 2Page - Golledge Electronics Ltd MP07845 Datasheet HTML 3Page - Golledge Electronics Ltd MP07845 Datasheet HTML 4Page - Golledge Electronics Ltd MP07845 Datasheet HTML 5Page - Golledge Electronics Ltd MP07845 Datasheet HTML 6Page - Golledge Electronics Ltd MP07845 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 2655.0MHz
Model: TA1847C
Part No: MP07845
Rev No: 1
TA1847C v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Operating temperature range: -30°C to +85°C
2. Storage temperature range: -40°C to +100°C
3. Maximum Input Power: +10dBm
4. Maximum DC Voltage: ±5V
5. Moisture Sensitivity Level: Level 1
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance: ZS = 50 // 5.1nH Ω (Single-ended)
2. Terminating load impedance: ZL = 50 // 5.1nH Ω (Single-ended)
Parameters Description
Unit
Min.
Typ.
Max.
Center Frequency
MHz
-
2655
-
Insertion Loss(*1)
2620 ~ 2690MHz
dB
-
2.5
3.0
Amplitude Ripple
2620 ~ 2690MHz
dB
-
0.8
1.5
VSWR
Input
2620 ~ 2690MHz
-
-
1.6
2.0
Output
2620 ~ 2690MHz
-
-
1.8
2.2
Attenuation:
1 ~ 2400MHz
dB
30
36
-
45MHz
dB
50
65
-
2400 ~ 2500MHz
dB
32
37
-
2500 ~ 2570MHz
dB
35
38
-
2570 ~ 2600MHz
dB
2
4
-
2775 ~ 6000MHz
dB
15
30
-
7620 ~ 7830MHz
dB
15
25
-
7860 ~ 8000MHz
dB
15
24
-
(*1) Specification of insertion loss includes loss that comes from the test board.


Similar Part No. - MP07845

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07843 GOLLEDGE-MP07843 Datasheet
190Kb / 8P
SAW Filter 881.50MHz
MP07844 GOLLEDGE-MP07844 Datasheet
238Kb / 7P
SAW Filter 836.50MHz
MP07847 GOLLEDGE-MP07847 Datasheet
293Kb / 7P
SAW Filter 942.50MHz
More results

Similar Description - MP07845

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com