Electronic Components Datasheet Search
  English  ▼

X  

MP07847 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07847
Description  SAW Filter 942.50MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07847 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07847 Datasheet HTML 1Page - Golledge Electronics Ltd MP07847 Datasheet HTML 2Page - Golledge Electronics Ltd MP07847 Datasheet HTML 3Page - Golledge Electronics Ltd MP07847 Datasheet HTML 4Page - Golledge Electronics Ltd MP07847 Datasheet HTML 5Page - Golledge Electronics Ltd MP07847 Datasheet HTML 6Page - Golledge Electronics Ltd MP07847 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 942.50MHz
Model: TA1839C
Part No: MP07847
Rev No: 1
TA1839C v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Maximum input power: +10dBm (In Passband)
2. Maximum DC Voltage: ±5V (Device only)
3. Operating temperature: -20°C to +85°C
4. Device storage temperature: -40°C to +100°C
5. Moisture Sensitive Level: Level 1
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance: ZS = 50Ω (Single-ended)
2. Terminating load impedance: ZL = 50Ω (Single-ended)
Parameters Description
Unit
Min.
Typ.
Max.
Center Frequency
MHz
-
942.5
-
Insertion Loss (*1)
925 ~ 960MHz
dB
-
2.0
3.0
Amplitude Ripple
925 ~ 960MHz
dB
-
1.3
2.3
VSWR
Input
925 ~ 960MHz
-
-
1.9
2.3
Output
925 ~ 960MHz
-
-
2.0
2.3
Attenuation:
880~915 MHz
dB
46
48
-
980~1558 MHz
dB
15
26
-
1559~1607 MHz
dB
40
51
-
1850~1920 MHz
dB
35
44
-
2400`2500 MHz
dB
30
38
-
2775~2880 MHz
dB
28
36
-
3700~3840 MHz
dB
25
32
-
4625~4800 MHz
dB
20
30
-
4900~5950 MHz
dB
18
27
-
5550~5725 MHz
dB
18
27
-
6475~6720 MHz
dB
15
25
-
7400~7680 MHz
dB
15
23
-
(*1) Specification of insertion loss excludes loss that comes from the test board.


Similar Part No. - MP07847

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07843 GOLLEDGE-MP07843 Datasheet
190Kb / 8P
SAW Filter 881.50MHz
MP07844 GOLLEDGE-MP07844 Datasheet
238Kb / 7P
SAW Filter 836.50MHz
MP07845 GOLLEDGE-MP07845 Datasheet
294Kb / 7P
SAW Filter 2655.0MHz
More results

Similar Description - MP07847

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA08476 GOLLEDGE-MA08476 Datasheet
257Kb / 5P
SAW Filter 942.50MHz
MP02914 GOLLEDGE-MP02914 Datasheet
921Kb / 5P
SAW Filter 942.50MHz
MP04336 GOLLEDGE-MP04336 Datasheet
155Kb / 7P
SAW Filter 942.50MHz
MP05870 GOLLEDGE-MP05870 Datasheet
206Kb / 7P
SAW Filter 942.50MHz
MA05955 GOLLEDGE-MA05955 Datasheet
445Kb / 6P
SAW Filter 942.50MHz
MA06344 GOLLEDGE-MA06344 Datasheet
276Kb / 5P
SAW Filter 942.50MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com