Electronic Components Datasheet Search
  English  ▼

X  

MP08142 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MP08142
Description  SAW Filter 782.0MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP08142 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MP08142 Datasheet HTML 1Page - Golledge Electronics Ltd MP08142 Datasheet HTML 2Page - Golledge Electronics Ltd MP08142 Datasheet HTML 3Page - Golledge Electronics Ltd MP08142 Datasheet HTML 4Page - Golledge Electronics Ltd MP08142 Datasheet HTML 5Page - Golledge Electronics Ltd MP08142 Datasheet HTML 6Page - Golledge Electronics Ltd MP08142 Datasheet HTML 7Page - Golledge Electronics Ltd MP08142 Datasheet HTML 8Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 782.0MHz
Model: TA1693A
Part No: MP08142
Rev No: 2
TA1693A v2
2
2110.0 ~ 2170.0MHz
dB
35
55
-
2331.0 ~ 2361.0MHz
dB
45
50
-
2400.0 ~ 2484.0MHz
dB
35
50
-
2484.0 ~ 3000.0MHz
dB
30
50
-
3000.0 ~ 3108.0MHz
dB
20
55
-
3108.0 ~ 3148.0MHz
dB
20
55
-
3148.0 ~ 4000.0MHz
dB
20
40
-
4000.0 ~ 5000.0MHz
dB
15
30
-
5000.0 ~ 6000.0MHz
dB
5
20
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com