Electronic Components Datasheet Search
  English  ▼

X  

PCK Datasheet(PDF) 1 Page - Nichicon corporation

Part # PCK
Description  Chip Type, Ultra-low ESR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCK Datasheet(HTML) 1 Page - Nichicon corporation

  PCK Datasheet HTML 1Page - Nichicon corporation PCK Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
43
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCK ChipType,Ultra-lowESR
Specifications
Temperature Characteristics
(Max.Impedance Ratio)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
Performance Characteristics
Item
–55 to +105°C
2.5 to 6.3V
220 to 2200µF
± 20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value . After 2 minutes' application of rated voltage at 20°C
Z+105°C / Z+20°C
1.25
(100kHz)
Z
–55°C / Z+20°C
1.25
Endurance
Damp Heat
(Steady State)
Resistance to
Soldering Heat
Marking
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 2000 hours at 105°C.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 60°C, 90% RH.
After soldering the capacitor under the soldering conditions
prescribed here, the capacitor shall meet the specifications listed at
right.
Pre-heating shall be done at 150 to 200°C and for 60 to 180 sec.
The duration for over +230°C temperature at capacitor surface shall
not exceed 60 seconds.
In case peak temperature is 250°C or less, reflow soldering shall be
two times maximum.
In case peak temperature is 260°C or less, reflow soldering shall be
once.
Measurement for solder temperature profile shall be made at the
capacitor top and the terminal.
Navy blue print on the case top
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 10% of the initial capacitance value ( 3)
130% or less than the initial specified value
130% or less than the initial specified value
Less than or equal to the initial specified value
Ultra-low ESR, Higher Capacitance, High ripple current.
Load life of 2000 hours at 105°C.
SMD type : Lead free reflow soldering condition at 260°C peak
correspondence.
Compliant to the RoHS directive (2011/65/EU).
AEC-Q200 compliant. Please contact us for details.
1 ESR should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
P
1
C
2
K
3
0
4
J
5
2
6
2
7
1
8
M
9
C
10
O
11
1
12
G
13
S
14
Configuration
Taping code
Capacitance tolerance (±20%)
Rated capacitance (220µF)
Rated voltage (6.3V)
Series name
Type
H
0.3 MAX.
C±0.2
L
Series
Voltage ( j:6.3v)
Plastic platform
Lot No.
Capacitance
Negative
Positive
+0.1
-0.4
Dimensions
Type numbering system (Example : 6.3V 220µF)
Voltage
V
2.5
4
6.3
Code
e
g
j
Size
φD
L
A
B
C
E
H
φ6.3
× 6L
6.3
5.9
7.3
6.6
6.6
2.1
0.5 to 0.8
φ8
× 7L
8.0
6.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ10
× 8L
10.0
7.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10
× 10L
10.0
9.9
11.0
10.3
10.3
4.6
0.8 to 1.1
(mm)
Dimension table in next page.
PCK
PCJ
Low ESR
Frequency coefficient of rated ripple current
0 Frequency0/
Coefficient
120Hz 1kHz 10kHz 100kHz or more
0.05
0.30
0.70
1.00


Similar Part No. - PCK

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
PCK RUBYCON-PCK Datasheet
165Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Tyco Electronics
PCK MACOM-PCK Datasheet
234Kb / 2P
Slim 16 AmpMiniature Power PC Board Relay
PCK-105D2M MACOM-PCK-105D2M Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
PCK-105D2M000 MACOM-PCK-105D2M000 Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
PCK-106D2M MACOM-PCK-106D2M Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
More results

Similar Description - PCK

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MK05V7100JAT2A AVX-MK05V7100JAT2A Datasheet
323Kb / 3P
Ultra Low ESR, C0G (NP0) Chip Capacitors
04023U0R8BAT2A AVX-04023U0R8BAT2A Datasheet
156Kb / 6P
Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U1R0BAT2A AVX-04023U1R0BAT2A Datasheet
156Kb / 6P
Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U6R8CAT2A AVX-04023U6R8CAT2A Datasheet
183Kb / 7P
Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U200JAT2A AVX-04023U200JAT2A Datasheet
183Kb / 7P
Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
04023U220JAT2A AVX-04023U220JAT2A Datasheet
183Kb / 7P
Ultra Low ESR, ?쏹??Series, C0G (NP0) Chip Capacitors
logo
Nichicon corporation
PCJ NICHICON-PCJ Datasheet
1,001Kb / 2P
Chip Type, Low ESR, Higher Capacitance
PLE NICHICON-PLE Datasheet
890Kb / 2P
Radial Lead Type, Ultra-low ESR
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
Ultra-low ESR, Low Profile
RR5 NICHICON-RR5 Datasheet
660Kb / 2P
Ultra-low ESR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com