Electronic Components Datasheet Search
  English  ▼

X  

PLE Datasheet(PDF) 1 Page - Nichicon corporation

Part # PLE
Description  Radial Lead Type, Ultra-low ESR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PLE Datasheet(HTML) 1 Page - Nichicon corporation

  PLE Datasheet HTML 1Page - Nichicon corporation PLE Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
58
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLE RadialLeadType,Ultra-lowESR
Specifications
Temperature Characteristics
(Max.Impedance Ratio)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
Performance Characteristics
Item
–55 to +105°C
2.5 to 6.3V
470 to 1500µF
± 20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value. After 2 minutes' application of rated voltage at 20°C
Z+105°C / Z+20°C
1.25
(100kHz)
Z
–55°C / Z+20°C
1.25
Endurance
Damp Heat
(Steady State)
Resistance to
Soldering Heat
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 2000 hours at 105°C.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 60°C, 90% RH.
After soldering the capacitor under the soldering conditions prescribed
here as preheat at 150 to 200°C for 60 to 180 seconds and peak
temperature at 265°C for 10 seconds or less, the capacitor shall meet
the specifications listed at right, provided that its temperature profile is
measured at both of terminal ends facing the soldering side.
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 10% of the initial capacitance value ( 3)
130% or less than the initial specified value
130% or less than the initial specified value
Less than or equal to the initial specified value
Ultra-low ESR, High ripple current.
Load life of 2000 hours at 105°C.
Radial lead type :
Lead free flow soldering condition correspondence
Compliant to the RoHS directive (2011/65/EU).
P
1
L
2
E
3
0
4
G
5
5
6
6
7
1
8
M
9
C
10
O
11
1
12
Configuration
Capacitance tolerance (±20%)
Rated capacitance (560µF)
Rated voltage (4V)
Series name
Type
Size code
L+0.5MAX.
15MIN
4MIN
Resin coated Case
φd
Capacitance
Series
Lot. No.
Voltage(g:4V)
Dimensions
Type numbering system (Example : 4V 560µF)
Dimension table in next page.
PLE
Low ESR
PLF
Please refer to page 20 about the end seal configuration.
Voltage
V
2.5
4
6.3
Code
e
g
j
Size
φD
L
P
φd
φ8
× 9L
8.0
8.5
3.5
0.6
φ8
× 12L
8.0
11.5
3.5
0.6
φ10
× 13L
10.0
12.5
5.0
0.6
(mm)
Marking
Navy blue print on the case top
1 ESR should be measured at both of the terminal ends closest to the capacitor body.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
Frequency coefficient of rated ripple current
0 Frequency0/
Coefficient
120Hz 1kHz 10kHz 100kHz or more
0.05
0.30
0.70
1.00


Similar Part No. - PLE

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
PLE-22-748 SHINMEI-PLE-22-748 Datasheet
124Kb / 2P
2.5mm Stroke Push Lock Switch
logo
ETA-USA
PLE-HSZ ETA-USA-PLE-HSZ Datasheet
609Kb / 3P
240 WATT AC-DC CONVERTER
logo
Omron Electronics LLC
PLE08-0 OMRON-PLE08-0 Datasheet
323Kb / 7P
GENERAL PURPOSE RELAY
PLE08-0 OMRON-PLE08-0 Datasheet
685Kb / 28P
General-purpose Relays and Power Relays Sockets
PLE08-0 OMRON-PLE08-0 Datasheet
878Kb / 27P
General-purpose Relays and Power Relays Sockets
01/07
More results

Similar Description - PLE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
Radial Lead Type
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
Radial Lead Type
logo
Nichicon corporation
PCK NICHICON-PCK Datasheet
993Kb / 2P
Chip Type, Ultra-low ESR
RR5 NICHICON-RR5 Datasheet
660Kb / 2P
Ultra-low ESR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com