Electronic Components Datasheet Search
  English  ▼

X  

PLG Datasheet(PDF) 1 Page - Nichicon corporation

Part # PLG
Description  Radial Lead Type, Higher Capacitance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PLG Datasheet(HTML) 1 Page - Nichicon corporation

  PLG Datasheet HTML 1Page - Nichicon corporation PLG Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
60
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLGRadialLeadType,HigherCapacitance
Specifications
Temperature Characteristics
(Max.Impedance Ratio)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
Performance Characteristics
Item
–55 to +105°C
2.5 to 16V
330 to 3900µF
± 20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value. After 2 minutes' application of rated voltage at 20°C
Z+105°C / Z+20°C
1.25
(100kHz)
Z
–55°C / Z+20°C
1.25
Endurance
Damp Heat
(Steady State)
Resistance to
Soldering Heat
Marking
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 2000 hours at 105°C.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 60°C, 90% RH.
After soldering the capacitor under the soldering conditions prescribed
here as preheat at 150 to 200°C for 60 to 180 seconds and peak
temperature at 265°C for 10 seconds or less, the capacitor shall meet
the specifications listed at right, provided that its temperature profile is
measured at both of terminal ends facing the soldering side.
Navy blue print on the case top
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 10% of the initial capacitance value ( 3)
130% or less than the initial specified value
130% or less than the initial specified value
Less than or equal to the initial specified value
Higher Capacitance, Low ESR, High ripple current.
Load life of 2000 hours at 105°C.
Radial lead type :
Lead free flow soldering condition correspondence
Compliant to the RoHS directive (2011/65/EU).
1 ESR should be measured at both of the terminal ends closest to the capacitor body.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
P
1
L
2
G
3
0
4
G
5
1
6
2
7
2
8
M
9
C
10
O
11
1
12
Configuration
Size code
Capacitance tolerance (±20%)
Rated capacitance (1200µF)
Rated voltage (4V)
Series name
Type
L+0.5MAX.
15MIN
4MIN
Resin coated Case
φd
Capacitance
Series
Lot. No.
Voltage(g:4V)
Dimensions
Type numbering system (Example : 4V 1200µF)
Size
φD
L
P
φd
φ8
× 9L
8.0
8.5
3.5
0.6
φ8
× 12L
8.0
11.5
3.5
0.6
φ10
× 13L
10.0
12.5
5.0
0.6
(mm)
Dimension table in next page.
PLG
PLF
Higher
Capacitance
Voltage
V
2.5
4
6.3
10
16
Code
e
g
j
A
C
Please refer to page 20 about the end seal configuration.
Frequency coefficient of rated ripple current
0 Frequency0/
Coefficient
120Hz 1kHz 10kHz 100kHz or more
0.05
0.30
0.70
1.00


Similar Part No. - PLG

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
PLG.M0.2GL.LA LEMO-PLG.M0.2GL.LA Datasheet
228Kb / 4P
REDEL P - Push-Pull
PLG.M0.2GL.LG LEMO-PLG.M0.2GL.LG Datasheet
225Kb / 4P
REDEL P - Push-Pull
PLG.M0.2GL.LJ LEMO-PLG.M0.2GL.LJ Datasheet
228Kb / 4P
REDEL P - Push-Pull
PLG.M0.2GL.LN LEMO-PLG.M0.2GL.LN Datasheet
226Kb / 4P
REDEL P - Push-Pull
PLG.M0.2GL.LR LEMO-PLG.M0.2GL.LR Datasheet
228Kb / 4P
REDEL P - Push-Pull
More results

Similar Description - PLG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
Radial Lead Type
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
Radial Lead Type
logo
Nichicon corporation
PCJ NICHICON-PCJ Datasheet
1,001Kb / 2P
Chip Type, Low ESR, Higher Capacitance
PCL NICHICON-PCL Datasheet
1,001Kb / 2P
Chip Type, Higher Capacitance LongLife Assurance
PCH NICHICON-PCH Datasheet
1,016Kb / 2P
Chip Type, Higher Capacitance High Temperature Range
PCG NICHICON-PCG Datasheet
960Kb / 2P
Chip Type, Higher Capacitance
UUJ2A470MNQ1MS NICHICON-UUJ2A470MNQ1MS Datasheet
368Kb / 3P
Chip Type, Higher Capacitance Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com