Electronic Components Datasheet Search
  English  ▼

X  

RF8 Datasheet(PDF) 1 Page - Nichicon corporation

Part # RF8
Description  Low ESR / ESL, Low Profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

RF8 Datasheet(HTML) 1 Page - Nichicon corporation

  RF8 Datasheet HTML 1Page - Nichicon corporation RF8 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
90
CAT.8100H
RF8
Test condition
Capacitance change
tan δ
ESR( 1)
Leakage current ( 2)
105°C, rated voltage 2000Hrs.
Within ±20% of initial value before test
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
–55 to +105°C
2.5 to 6.3V
100 to 560µF
±20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value. After 2 minutes' application of rated voltage at 20°C
Specifications
Performance Characteristics
Item
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Endurance
Tangent of loss angle (tan δ)
Leakage Current ( 2)
ESR ( 1)
1 ESR should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
(mm)
φD×L
5×8
φd
0.6
P
2.0
α
1.0
Dimensions
Type numbering system (Example : 2.5V 560µF)
Nichicon part number
R
1
F
2 3
0
4
E
5
5
6
6
7
1
8
M
9
D
10
N
11
1
12
C
13
G
14
Configuration
Lead Forming
Control code
Capacitance tolerance (±20%)
Rated capacitance (560µF)
Rated voltage (2.5V)
Series name
Type
8
Lot No.
Product Logo
Voltage
Capacitance
FPCAP part number
FP 2R5 RE 561 M
F8 CG
Configuration
Lead Forming
Control code
Capacitance tolerance (±20%)
Capacitance (560µF)
Voltage(2.5V)
Series name
Type
Aluminum case
Stand off
Wire(Lead free)
L+αMAX.
15MIN.
4MIN.
φd
Dimension table in next page.
Low ESR / ESL, Low Profile (φ5)
Low ESR/ESL, High ripple current.
Low Profile(Height 8mm).
Load life of 2000 hours at 105°C.
Radial lead type : Lead free flow soldering condition
correspondence.
Compliant to the RoHS directive (2011/65/EU).
RF8
RS8
Lower ESL
Frequency coefficient of rated ripple current
Coefficient
Frequency
120 Hz
1 kHz
10 kHz
100 kHz
300 kHz
0.10
0.45
0.50
1.00
1.00


Similar Part No. - RF8

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF8-500-2 ADAM-TECH-RF8-500-2 Datasheet
68Kb / 1P
TNC JACK PANEL 2 HOLES FOR PCB
RF8-500-3 ADAM-TECH-RF8-500-3 Datasheet
68Kb / 1P
TNC JACK PANEL 2 HOLES FOR PCB
logo
Mersen
RF80/RL80 MERSEN-RF80/RL80 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
rfsolutions.ltd
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
Radio Encoder / Decoder IC?셲
RF800-SO RFSOLUTIONS-RF800-SO Datasheet
347Kb / 9P
Radio Encoder / Decoder IC?셲
More results

Similar Description - RF8

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45190E KEMET-B45190E Datasheet
464Kb / 16P
Low Profile, Standard and Low ESR
logo
TDK Electronics
C0603C0G1E0R5C030BA TDK-C0603C0G1E0R5C030BA_14 Datasheet
129Kb / 1P
Commercial Grade ( Low ESL Reverse Geometry )
C0816X7R1C473M050AC TDK-C0816X7R1C473M050AC Datasheet
140Kb / 1P
Commercial Grade ( Low ESL Reverse Geometry )
C1220X5R1A474M085AC TDK-C1220X5R1A474M085AC Datasheet
140Kb / 1P
Commercial Grade ( Low ESL Reverse Geometry )
C1220X7R1H103M085AC TDK-C1220X7R1H103M085AC Datasheet
140Kb / 1P
Commercial Grade ( Low ESL Reverse Geometry )
logo
Kemet Corporation
T528K157M006ATE150 KEMET-T528K157M006ATE150 Datasheet
122Kb / 1P
Polymer FaceDown, Low ESR, Low ESL
logo
Murata Manufacturing Co...
LLR185C70G105ME07 MURATA-LLR185C70G105ME07 Datasheet
776Kb / 25P
LW Reversed Controlled ESR Low ESL Chip Multilayer Ceramic Capacitors for General Purpose
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
Ultra-low ESR, Low Profile
RL8 NICHICON-RL8 Datasheet
702Kb / 2P
Low ESR, Low Profile
RS8 NICHICON-RS8 Datasheet
710Kb / 2P
Low ESR / ESL, Low Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com