Electronic Components Datasheet Search
  English  ▼

X  

PLG1C331MCO1 Datasheet(PDF) 2 Page - Nichicon corporation

Part # PLG1C331MCO1
Description  Radial Lead Type, Higher Capacitance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PLG1C331MCO1 Datasheet(HTML) 2 Page - Nichicon corporation

  PLG1C331MCO1 Datasheet HTML 1Page - Nichicon corporation PLG1C331MCO1 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
61
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLG
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Rated ripple current (mArms) at 105°C 100kHz
Dimensions
2.5
(0E)
16
(1C)
10
(1A)
6.3
(0J)
4
(0G)
2.8
18.4
11.5
7.2
4.6
1800
2200
2700
3900
1200
1800
2700
820
1200
1500
1800
560
820
1200
330
470
820
900
1100
1350
1950
960
1440
2160
1033
1512
1890
2268
1120
1640
2400
1056
1504
2624
9
8
8
8
9
9
8
9
9
9
8
11
10
9
13
11
11
6000
6700
5560
7000
5900
6500
6900
5700
6100
6300
6600
5100
5800
6200
4700
5400
5600
PLG0E182MCO1
PLG0E222MDO1
PLG0E272MDO1
PLG0E392MDO1
PLG0G122MCO1
PLG0G182MDO1
PLG0G272MDO1
PLG0J821MCO1
PLG0J122MDO1
PLG0J152MDO1
PLG0J182MDO1
PLG1A561MCO1
PLG1A821MDO1
PLG1A122MDO1
PLG1C331MCO1
PLG1C471MDO1
PLG1C821MDO1
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
8 × 9
8 × 12
10 × 13
10 × 13
8 × 9
8 × 12
10 × 13
8 × 9
8 × 12
10 × 13
10 × 13
8 × 9
8 × 12
10 × 13
8 × 9
8 × 12
10 × 13
Rated Capacitance
(µF)
Rated Voltage
(V)
Code
Surge Voltage
(V)
Leakage Current
(µA)
ESR (m )
(at 100kHz 20°C)
Rated Ripple
(mArms)
tan δ
Part Number
Case Size
φD × L (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com