Electronic Components Datasheet Search
  English  ▼

X  

RS1AF Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # RS1AF
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

RS1AF Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  RS1AF Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd RS1AF Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd RS1AF Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RS1AF THRU RS1MF
SURFACE MOUNT FAST RECOVERY RECTIFIER
REVERSE VOLTAGE:
50 to 1000 VOLTS
FORWARD CURRENT:
1.0 AMPERE
FEATURES
SMAF
· Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
· For surface mounted applications
· Low profile package
· Easy pick and place
· Built-in strain relief
· Fast Recovery times for high efficiency
· High temperature soldering : 250°C /10 seconds at terminals
MECHANICAL DATA
Case: Molded plastic, SMAF
Terminals: Solder plated, solderable per MIL-STD-750,
method 2026 guaranteed
Polarity: Color band denotes cathode end
Packaging: 12mm tape per EIA STD RS-481
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
RS1AF
RS1BF
RS1DF
RS1GF
RS1JF
RS1KF
RS1MF
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
See Fig.1
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 1.0A
VF
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=125℃
Typical Junction Capacitance (Note 1)
CJ
pF
RθJL
℃
/W
Maximum Reverse Recovery Time (Note 3)
TRR
250
nS
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Mounted on a FR4 PCB,single-sided copper,mini pad.
3- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
7
Typical Thermal Resistance (Note 2)
-55 to +150
Dimensions in inches and (millimeters)
IR
1.0
25
5.0
I(AV)
IFSM
150
-55 to +150
31
500
Amp
Amp
μAmp
50
1.30
15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com