Electronic Components Datasheet Search
  English  ▼

X  

AL1781 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL1781
Description  Single/Dual Dimmable Linear LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1781 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL1781 Datasheet HTML 1Page - Diodes Incorporated AL1781 Datasheet HTML 2Page - Diodes Incorporated AL1781 Datasheet HTML 3Page - Diodes Incorporated AL1781 Datasheet HTML 4Page - Diodes Incorporated AL1781 Datasheet HTML 5Page - Diodes Incorporated AL1781 Datasheet HTML 6Page - Diodes Incorporated AL1781 Datasheet HTML 7Page - Diodes Incorporated AL1781 Datasheet HTML 8Page - Diodes Incorporated AL1781 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AL1781/1782
Document number: DS41312 Rev. 1 - 2
2 of 18
www.diodes.com
August 2018
© Diodes Incorporated
AL1781/1782
Typical Applications Circuit
PWM1
FAULTB
REF1
GND
LED1
3.3V
RFAULTB
RSET1
VIN
CIN
VIN up to 30V
Wireless/Color
management
MCU
AC-DC
Conversion
85~265VAC
AL1781
LEDPG
RLEDPG
EP
Figure 1. Channel Dimmable White
PWM1
PWM2
FAULTB
REF1
GND
LED1
LED2
3.3V
RFAULTB
RSET1
VIN
CIN
VIN up to 30V
Wireless/Color
management
MCU
AC-DC
Conversion
85~265VAC
AL1782
LEDPG
RLEDPG
RSET2
REF2
EP
Figure 2. Channels Tunable White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com