Electronic Components Datasheet Search
  English  ▼

X  

AL1782 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL1782
Description  Single/Dual Dimmable Linear LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1782 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL1782 Datasheet HTML 4Page - Diodes Incorporated AL1782 Datasheet HTML 5Page - Diodes Incorporated AL1782 Datasheet HTML 6Page - Diodes Incorporated AL1782 Datasheet HTML 7Page - Diodes Incorporated AL1782 Datasheet HTML 8Page - Diodes Incorporated AL1782 Datasheet HTML 9Page - Diodes Incorporated AL1782 Datasheet HTML 10Page - Diodes Incorporated AL1782 Datasheet HTML 11Page - Diodes Incorporated AL1782 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AL1781/1782
Document number: DS41312 Rev. 1 - 2
8 of 18
www.diodes.com
August 2018
© Diodes Incorporated
AL1781/1782
Functional Description
The AL1781 and AL1782 are single-channel and dual-channel constant-current regulators optimized for 1-channel Dimmable White and 2-channel
Tunable White Smart Connected Lighting (SCL) applications. It supports E-flicker free High Frequency PWM dimming with Deep Dimming
Capability: Support 40kHz down to 4%, 10kHz down to 1.0%, 4kHz down to 0.4%, or 1kHz down to 0.1% with good dimming linearity. When no
PWM signal is detected by AL1781/1782, it will automatically enter the low-power mode for power saving purpose to be in compliance with Energy
Star standby power requirement for SCL bulbs. It also integrates Adaptive Thermal Management (ATM) scheme to minimize non-productive power
dissipation. The AL1781/1782 has abundant of protection features, including Under-Voltage-Lockout (UVLO), LED string Open/Short protection
and Over-temperature protection (OTP); when detecting these fault conditions, it will report the fault status on FAULTB pin.
1.
Enable and Soft-Start LED Drivers
The AL1781/1782 is enabled when the voltage at any PWMx pin is greater than approximately 2.5V, and disabled when all PWMx are lower than
0.4V. Upon any PWMx pin is asserted and VIN pin is ramped up beyond minimum operation voltage, a soft start will be performed with a slew-
rate-controlled current ramp over 2
00μs at LEDx output pins to minimize current overshoot through LED strings for optimal system reliability.
When all PWMx are inactive for 4ms, The LED Driver will enter Low-Power mode with ultra-low standby power.
2.
LED Current Setting and Capability
(1)
LED Current Setting
The AL1781/1782 is designed to have individual channel current set by its corresponding current setting RSET resistor. The LED channel current
level is expressed as below:
For AL1781:
For AL1782:
For example, when an RSET of 6k
Ω is used, Channel 1 of AL1781 provides current of 1000mA. For the same RSET setting, each channel of
AL1782 provides same current amount of 500mA.
(2)
LED Current Capability
The maximum current of each channel can drive up to 750mA with a total driving current up to 1500mA (refer to Table 1 below). The minimum
channel current is recommended as in Table 2 in order to meet channel current accuracy and short protection specifications. Each channel can
still be individually controlled by digital PWM dimming. The integrated low-side current sinks allow LED common-anode connections for cost
effectiveness or different anode voltages for efficiency optimization.
Model Name
Channel 1
Channel 2
Total IC Current
AL1781
1500mA
Not Applicable
1500mA
AL1782
750mA
750mA
1500mA
Table 1 Recommended Maximum Channel Current and Total IC Current for AL1781/1782
Model Name
Channel 1
Channel 2
Total IC Current
AL1781
300mA
Not Applicable
300mA
AL1782
150mA
150mA
300mA
Table 2 Recommended Minimum Channel Current and Total IC Current for AL1781/1782
Along with bus-mode fault reporting, multiple devices can be employed together to increase current driving capability or channel count versatility.
The maximum LED current for the channel can be adjusted up to 1500mA via RSET resistor for AL1781 and 750mA for AL1782.
Any two or more channels can be tied together to drive one LED string with aggregated current. So when current needed for any channel is
greater than the maximum value the device can provide, two or more channels or devices can be paralleled together to provide the drive current
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com